Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR608 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # FBR608
Description  Silicon Fast Recovery Bridge Rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

FBR608 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  FBR608 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES FBR600
Silicon Fast Recovery Bridge Rectifier
INCHES
MILLIMETER
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.405
0.445
10.5
11.3
B
0.58
0.62
14.7
15.75
C
0.142
0.158
3.6
4.0
D
0.047
0.127
1.2
3.2
E
0.75
19.1
F
0.038
0.042
0.97
1.1
G
0.23
0.27
5.8
6.9
BR600
(PLASTIC)
PART
NUMBER
MAX. AVG.
RECTIFIED
CURRENT If (AV)
@ TaR LOAD
INPUT
VOLTAGE
RECOMMENDED
Vrms
PIV
Vrrm
MAX.
FORWARD
PEAK SURGE
CURRENT
Ifsm
MAX.
FORWARD
VOLTAGE @
Ta = 25o C
Vf @ If (AV)
MAX.
REVERSE
CURRENT @
Ta = 25o C
Ir
Trr
(A)
(o C)
(V)
(V)
(A)
(V)
(A)
(uA)
(nS)
FBR600
6.0
50
20
50
150
1.3
3.0
10
150
FBR601
6.0
50
40
100
150
1.3
3.0
10
150
FBR602
6.2
50
80
200
150
1.3
3.0
10
150
FBR604
6.2
50
125
400
150
1.3
3.0
10
150
FBR606
6.2
50
250
600
150
1.3
3.0
10
250
FBR608
6.2
50
380
800
150
1.3
3.0
10
500
FBR610
6.2
50
440
1000
150
1.3
3.0
10
500
THE PLASTIC MATERIAL CARRIES U/L RECOGNITION 94V-0
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - FBR608

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR608 EIC-FBR608 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR608 EIC-FBR608 Datasheet
49Kb / 2P
   FAST RECOVERY
More results

Similar Description - FBR608

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
BR1203 EDAL-BR1203 Datasheet
878Kb / 2P
   SILICON FAST RECOVERY BRIDGE RECTIFIER
FBR1000 EDAL-FBR1000 Datasheet
82Kb / 1P
   Silicon Fast Recovery Bridge Rectifier
RW005M EDAL-RW005M Datasheet
100Kb / 1P
   Silicon Bridge Rectifier Fast Recovery
logo
Central Semiconductor C...
CBR1F-D010 CENTRAL-CBR1F-D010 Datasheet
56Kb / 2P
   FAST RECOVERY SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
BR1203W EDAL-BR1203W Datasheet
858Kb / 2P
   SILICON FAST RECOVERY BRIDGE RECTIFIER
logo
Central Semiconductor C...
CR6AF1GPP CENTRAL-CR6AF1GPP_15 Datasheet
83Kb / 2P
   FAST RECOVERY SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
FRS201L RECTRON-FRS201L Datasheet
105Kb / 1P
   FAST RECOVERY BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
Z4RGP20MH ZOWIE-Z4RGP20MH Datasheet
53Kb / 2P
   Fast Recovery Bridge Rectifier
Z4RGP30MAPH ZOWIE-Z4RGP30MAPH Datasheet
51Kb / 2P
   Fast Recovery Bridge Rectifier
Z4RGP30MPH ZOWIE-Z4RGP30MPH Datasheet
52Kb / 2P
   Fast Recovery Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com