Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J6F3 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # J6F3
Description  Silicon Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

J6F3 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  J6F3 Datasheet HTML 1Page - Edal Industries, Inc. J6F3 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edal
SERIES J5, J6
Silicon Power Rectifiers
Edal Series J silicon power rectifiers are ideal for a broad range of commercial and military uses including power
supplies, ultrasonic systems, inverters, welders, emergency generators, battery chargers, DC motors and motion
controls These power rectifiers are stud mounted D09 packages. Because the silicon junction is carefully fitted with
a glass-to-metal hermetically sealed case, reliable operations are assured even with extreme humidity and under
other severe environmental conditions and they are completely corrosion resistant. Double diffused, passivated
junction technique is utilized to assure stable uniform electrical characteristics. Inherent in their design is very low
leakage currents and excellent surge handling capability. Series J rectifiers are available in standard, bulk avalanche
and fast recovery types as well as in reverse polarity. Voltage ratings from 50 to 1500 volts PIV.
Specifications
Electrical Ratings
J5
J6
Maximum forward current single Phase Half Wave
Case Temperature o C
122
131
Io Amps
250
300
Maximum Surge Current
Single Cycle Amps
4500
5000
Maximum Forward Drop at 25 o C Case
Io Amps
300
300
Vf Volts
1.2
1.1
Maximum Reverse Current FCA @ 150 o C
10
10
Maximum I2 T (less than 8 ms)
Amps 2 – Sec
84,000
104,000
Reverse Power for Bulk Avalanche (Joules)
2.0
2.0
Storage Temperature o C
-65 to 200
-65 to 200
Operating Temperature o C
-65 to 190
-65 to 190
Thermal Impedance Maximum
(Junction to Case) o C/Watt Maximum
.22
.17
Jedec Style
DO 9
DO 9
PIV
VOLTS
250 AMPS
300 AMPS
50
J5A3
J6A3
100
J5B3
J6B3
200
J5C3
J6C3
250
J5D3
J6D3
300
J5E3
J6E3
350
J5F3
J6F3
400
J5G3
J6G3
500
J5H3
J6H3
600
J5K3
J6K3
700
J5M3
J6M3
800
J5N3
J6N3
1000
J5P3
J6P3
1200
J5R3
J6R3
1500
J5S3
J6S3


Similar Part No. - J6F3

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
J6F-SERIES EDAC-J6F-SERIES Datasheet
181Kb / 1P
   J6F Series SINGLE PORT RJ45, TAB UP RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
J6F018822N00112 EDAC-J6F018822N00112 Datasheet
181Kb / 1P
   J6F Series SINGLE PORT RJ45, TAB UP RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
J6F018822N00112 EDAC-J6F018822N00112 Datasheet
86Kb / 1P
   J6F Series,SINGLE PORT RJ45, TAB UP RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
J6F018822P00112 EDAC-J6F018822P00112 Datasheet
181Kb / 1P
   J6F Series SINGLE PORT RJ45, TAB UP RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
J6F018822P00112 EDAC-J6F018822P00112 Datasheet
86Kb / 1P
   J6F Series,SINGLE PORT RJ45, TAB UP RIGHT ANGLE PCB MOUNT, SHIELDED, 2.54mm FOOTPRINT
More results

Similar Description - J6F3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
160Kb / 2P
   Silicon-Power Rectifiers
1N1199A DIOTEC-1N1199A Datasheet
154Kb / 2P
   Silicon-Power Rectifiers
logo
Edal Industries, Inc.
G5A3 EDAL-G5A3 Datasheet
626Kb / 2P
   Silicon Power Rectifiers
E4A3 EDAL-E4A3 Datasheet
1Mb / 2P
   Silicon Power Rectifiers
logo
New Jersey Semi-Conduct...
1N248 NJSEMI-1N248 Datasheet
100Kb / 1P
   Silicon Power Rectifiers
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183_07 Datasheet
129Kb / 2P
   Silicon-Power-Rectifiers
1N1199A DIOTEC-1N1199A_07 Datasheet
128Kb / 2P
   Silicon-Power-Rectifiers
logo
Edal Industries, Inc.
F3A3 EDAL-F3A3 Datasheet
839Kb / 2P
   Silicon Power Rectifiers
logo
New Jersey Semi-Conduct...
1N1202A NJSEMI-1N1202A Datasheet
124Kb / 1P
   Silicon Avalanche Power Rectifiers
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com