Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TSOP1733 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. TSOP1733
Description  Photo Modules for PCM Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 1 page
background image
TSOP17..
Vishay Telefunken
1 (7)
Rev. 10, 02-Apr-01
www.vishay.com
Document Number 82030
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type
fo
Type
fo
TSOP1730
30 kHz
TSOP1733
33 kHz
TSOP1736
36 kHz
TSOP1737
36.7 kHz
TSOP1738
38 kHz
TSOP1740
40 kHz
TSOP1756
56 kHz
Description
The TSOP17.. – series are miniaturized receivers for
infrared remote control systems. PIN diode and
preamplifier are assembled on lead frame, the epoxy
package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. TSOP17.. is the
standard IR remote control receiver series, supporting
all major transmission codes.
94 8691
GND
VS
OUT
Features
D Photo detector and preamplifier in one package
D Internal filter for PCM frequency
D Improved shielding against electrical field
disturbance
D TTL and CMOS compatibility
D Output active low
D Low power consumption
D High immunity against ambient light
D Continuous data transmission possible
(up to 2400 bps)
D Suitable burst length ≥10 cycles/burst
Block Diagram
94 8136
PIN
Input
AGC
Control
Circuit
Band
Pass
Demodu-
lator
80 k
W
1
2
3
VS
OUT
GND




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSOP1230CB1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1330TB1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1730TB1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1830SI3VPhoto Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP2230Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP2830TE1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP4830UH1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TDS11Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1230GL1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1530Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl