Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B376-120-1 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # B376-120-1
Description  Silicon Bridge Rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

B376-120-1 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  B376-120-1 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES B376
Silicon Bridge Rectifier
INCHES
MILLIMETER
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.31
0.35
8.00
9.00
B
0.18
0.22
4.60
5.60
C
1.1
27.9
D
1.0
25.4
E
0.028
0.034
0.71
0.86
F
0.18
0.22
4.60
5.60
ELECTRICAL RATINGS
MAXIMUM AVERAGE CURRENT
SINGLE PHASE FULL WAVE @ 55o C
1.5 AMPS
MAXIMUM SINGLE CYCLE SURGE
CURRENT (IFSM)
30 AMPS
MAXIMUM FORWARD VOLTAGE DROP @ 25o C
@ Io AMPS VF VOLTS (PER SECTION)
1.2 VOLTS
MAXIMUM REVERSE CURRENT @ PIV @ 25o C
10 uA
PART NUMBER
PIV
B376-5-1
50
B376-10-1
100
B376-20-1
200
B376-40-1
400
B376-60-1
600
B376-80-1
800
B376-100-1
1000
B376-120-1
1200
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - B376-120-1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3760 EPCOS-B3760 Datasheet
81Kb / 6P
   SAW Components Low-loss Filter 433,92 MHz
B3760 EPCOS-B3760 Datasheet
87Kb / 10P
   SAW filter Short range devices
logo
TDK Electronics
B3760 TDK-B3760 Datasheet
98Kb / 10P
   SAW Components SAW filter Short range devices
logo
EPCOS
B3760 EPCOS-B3760_1 Datasheet
87Kb / 10P
   SAW filter Short range devices
B3761 EPCOS-B3761 Datasheet
81Kb / 6P
   SAW Components Low-loss Filter 315,00 MHz
More results

Similar Description - B376-120-1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com