Electronic Components Datasheet Search |
|
DRAN60-12A Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd. |
|
DRAN60-12A Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd. |
3 / 4 page www.chinfa.com sales@chinfa.com DRAN60 SERIES IND. CONT. EQ. MECHANISM & PIN CONFIGURATION mm [inch] CONSTRUCTION Easy snap-on mounting onto the DIN-Rail (TS35/7.5 or TS35/15), unit sits safely and firmly on the rail; no tools required even to remove INSTALLATION Ventilation / Cooling Normal convection All sides 25mm free space For cooling recommended Connector size range 2 Solid:0.2-2.0mm (AWG24-14) (use copper conductors only) 6 8 5 40.5 [1.59] 115 [4.53] 93.8 [3.75] 7 1 2 3 4 DC ON Vout ADJ. N L - - ++Rdy o All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed SPECIFICATION UL / cUL UL508 Listed UL1310 Class 2 power supply (12V w/o class 2), UL60950-1 Recognized EN61000-3-2, EN61000-3-3 EN61000-6-2, EN55024, EN61000-4-2, EN61000-4-3, EN61000-4-4, EN61000-4-5, EN60950-1 CE TUV EN61000-6-3, EN55022 Class B EN61000-4-6, EN61000-4-8, EN61000-4-11 APPROVALS AND STANDARDS Characteristics Conditions min. typ. max. unit Rated over load protection Over voltage protection Vi nom Vi nom, Io nom % 105 125 16.5 15 33 30 66 60 12V model 24V model 48V model VDC VDC VDC Fold forward Output short circuit Vi nom, Io nom CONTROL AND PROTECTION 2008.03.28 FOR DC BACKUP SYSTEM |
Similar Part No. - DRAN60-12A |
|
Similar Description - DRAN60-12A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |