Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA240-24A Datasheet(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Part # DRA240-24A
Description  AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

DRA240-24A Datasheet(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  DRA240-24A Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. DRA240-24A Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. DRA240-24A Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. DRA240-24A Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DRA240 SERIES
FEATURES
COMPACT DESIGN
HIGH EFFICIENCY UP TO 90%
P.F.C. FUNCTION AVAILABLE
PARALLEL FUNCTION AVAILABLE (SWITCH)
INPUT VOLTAGE 115/230VAC AUTO SELECT
AC - DC DIN RAIL MOUNTABLE
240W
INDUSTRIAL CONTROL EQUIPMENT
Characteristics
Conditions
min.
typ.
max.
unit
www.chinfa.com
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
+ 24 VDC
+ 48 VDC
EFF.
(typ.)
Single Output Models
10A
5A
87%
88%
240 WATTS
240 WATTS
DRA240-24x
DRA240-48x
Conditions
min.
typ.
max.
unit
Isolation voltage
Isolation resistance
Ambient temperature
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom
3,000
VAC
M
100
-25
oC
+ 71
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
EFF.
(min.)
89%
90%
115 / 230 VAC
115 / 230 VAC
SELECTION CHART
DRA 240 - 24 x
Wattage
24 : 24V OUT
48 : 48V OUT
A : SCREW TERMINALS
B : DETACHABLE CONNECTOR
sales@chinfa.com
Storage temperature
Non operational
+ 85
oC
Derating
o
% / C
-25
2.5
mm
95
Dimension
Relative humidity
Vi nom, Io nom
% RH
Screw terminal type
Detachable connector type
20
Case material
Cooling
Metal
Free air convection
mm
mm
L123.6 x W83 x D123.6
L142 x W83 x D123.6
GENERAL
o
Vi nom, from +61 to +71 C
2008.09.23


Similar Part No. - DRA240-24A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA240-24A CHINFA-DRA240-24A Datasheet
389Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA240-24A** CHINFA-DRA240-24A* Datasheet
266Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRA240-24A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WRA240-24 CHINFA-WRA240-24 Datasheet
371Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRA300-24A CHINFA-DRA300-24A Datasheet
443Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 300W INDUSTRIAL CONTROL EQUIPMENT
DRAN30-12A CHINFA-DRAN30-12A Datasheet
350Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 30W INDUSTRIAL CONTROL EQUIPMENT
DRA480-24A CHINFA-DRA480-24A Datasheet
451Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
DRAN120-12A CHINFA-DRAN120-12A Datasheet
496Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
AMR5 CHINFA-AMR5 Datasheet
230Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN30 CHINFA-DRAN30 Datasheet
564Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA05 CHINFA-DRA05_11 Datasheet
555Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com