Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU865070 Datasheet(PDF) 4 Page - celduc-relais

Part # SU865070
Description  Power Solid State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SU865070 Datasheet(HTML) 4 Page - celduc-relais

  SU865070 Datasheet HTML 1Page - celduc-relais SU865070 Datasheet HTML 2Page - celduc-relais SU865070 Datasheet HTML 3Page - celduc-relais SU865070 Datasheet HTML 4Page - celduc-relais SU865070 Datasheet HTML 5Page - celduc-relais SU865070 Datasheet HTML 6Page - celduc-relais SU865070 Datasheet HTML 7Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
page 4 / 7F/GB
S/MON/SU865070/B/18/11/2008
celpac
celduc
celpac
Raccordement de puissance / Power wiring
Nombre de fils / Number of wires
Modèle de tournevis /
Screwdriver type
Couple de serrage
recommandé
1
2
Recommended Torque
Fil rigide
(sans embout)
SOLID
(No ferrule)
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
Fil rigide
(sans embout)
SOLID
(No ferrule)
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
M5
N.m
1,5 ... 10 mm
2
AWG16....AWG8
1,5 ... 6 mm
2
AWG16....AWG10
1,5 ... 10 mm
2
AWG16....AWG8
1,5 ... 6 mm
2
AWG16....AWG10
POZIDRIV 2
2
Raccordement / Connections
celduc
Directement avec fils avec ou sans embouts
Direct connection with wires with or without ferrules
Avec cosses/
With ring terminals
Washer for vibrations
celpac
Raccordement de commande / Control wiring
Référence /Reference
avec connecteurs 2 points débrochable/ With 2 points pluggable connector
1Y020915
Weidmuller
0,13 ... 3,3 mm
2
EN60999 a x b ; d
BLZ5,08/2/90SN SW
AWG26....AWG12
2,8mm x 2mm ; 2,4mm
155 271 0000
46
mm
power input
power output
control


Similar Part No. - SU865070

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SU865970 CELDUC-SU865970 Datasheet
703Kb / 7P
   Power Solid State Relay
More results

Similar Description - SU865070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3PA ETC-G3PA Datasheet
249Kb / 16P
   Power Solid-state Relay
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
   Power Solid State Relay
SC764110 CELDUC-SC764110 Datasheet
98Kb / 2P
   Power Solid State Relay
SC968160 CELDUC-SC968160 Datasheet
98Kb / 2P
   Power Solid State Relay
SCF42160-E CELDUC-SCF42160-E Datasheet
82Kb / 2P
   Power Solid State Relay
SU867070 CELDUC-SU867070 Datasheet
711Kb / 7P
   Power Solid State Relay
SO963560 CELDUC-SO963560 Datasheet
937Kb / 5P
   Power Solid State Relay
SO965560WF CELDUC-SO965560WF Datasheet
493Kb / 5P
   Power Solid State Relay
SO967560 CELDUC-SO967560 Datasheet
937Kb / 5P
   Power Solid State Relay
SU942460 CELDUC-SU942460 Datasheet
691Kb / 7P
   Power Solid State Relay
SU965460 CELDUC-SU965460 Datasheet
703Kb / 7P
   Power Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com