Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1871IMS-1-TR Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1871IMS-1-TR
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871IMS-1-TR Datasheet(HTML) 5 Page - Linear Technology

  LTC1871IMS-1-TR Datasheet HTML 1Page - Linear Technology LTC1871IMS-1-TR Datasheet HTML 2Page - Linear Technology LTC1871IMS-1-TR Datasheet HTML 3Page - Linear Technology LTC1871IMS-1-TR Datasheet HTML 4Page - Linear Technology LTC1871IMS-1-TR Datasheet HTML 5Page - Linear Technology LTC1871IMS-1-TR Datasheet HTML 6Page - Linear Technology LTC1871IMS-1-TR Datasheet HTML 7Page - Linear Technology LTC1871IMS-1-TR Datasheet HTML 8Page - Linear Technology LTC1871IMS-1-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC1871-1
5
18711fb
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Mode IQ vs VIN
Shutdown Mode IQ vs Temperature
Burst Mode IQ vs VIN
Burst Mode IQ vs Temperature
Dynamic IQ vs Frequency
Gate Drive Rise and
Fall Time vs CL
VIN (V)
0
0
10
20
10
20
30
40
18711 G04
30
TEMPERATURE (°C)
–50
0
5
10
15
20
–25
0
25
50
18711 G05
75
100 125 150
VIN = 5V
VIN (V)
0
0
100
200
300
400
600
10
20
18711 G06
30
40
500
TEMPERATURE (°C)
–50
0
200
500
0
50
75
18711 G07
100
400
300
–25
25
100 125
150
FREQUENCY (kHz)
0
0
2
6
8
10
800
18
18711 G08
4
400
1200
600
200
1000
12
14
16
CL = 3300pF
IQ(TOT) = 550μA + Qg • f
CL (pF)
0
0
10
20
30
40
60
2000
4000
6000
8000
18711 G09
10000 12000
50
RISE TIME
FALL TIME
RUN Thresholds vs VIN
RUN Thresholds vs Temperature
RT vs Frequency
VIN (V)
0
1.2
1.3
1.4
10
20
30
40
18711 G10
1.5
TEMPERATURE (°C)
–50
1.30
1.35
150
18711 G11
1.25
1.20
0
50
100
–25
25
75
125
1.40
FREQUENCY (kHz)
100
300
1000
18711 G12
10
100
200
1000
900
800
700
600
500
400
0


Similar Part No. - LTC1871IMS-1-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results

Similar Description - LTC1871IMS-1-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost,
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
455Kb / 32P
   High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com