Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1871IMS-1-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1871IMS-1-PBF
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871IMS-1-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC1871IMS-1-PBF Datasheet HTML 1Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 2Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 3Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 4Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 5Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 6Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 7Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 8Page - Linear Technology LTC1871IMS-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC1871-1
2
18711fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Voltage ............................................... – 0.3V to 36V
INTVCC Voltage............................................ –0.3V to 7V
INTVCC Output Current.......................................... 50mA
GATE Voltage ............................ –0.3V to VINTVCC + 0.3V
ITH, FB Voltages ....................................... –0.3V to 2.7V
RUN, MODE/SYNC Voltages ....................... –0.3V to 7V
FREQ Voltage ............................................ –0.3V to 1.5V
SENSE Pin Voltage.................................... –0.3V to 36V
Operating Junction Temperature Range (Note 2)
LTC1871E-1 ......................................... –40°C to 85°C
LTC1871I-1 ........................................ –40°C to 125°C
Junction Temperature (Note 3) ............................ 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
5
RUN
ITH
FB
FREQ
MODE/
SYNC
10
9
8
7
6
SENSE
VIN
INTVCC
GATE
GND
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 120°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1871EMS-1#PBF
LTC1871EMS-1#TRPBF
LTCTV
10-Lead Plastic MSOP
–40°C to 85°C
LTC1871IMS-1#PBF
LTC1871IMS-1#TRPBF
LTCTV
10-Lead Plastic MSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1871EMS-1
LTC1871EMS-1#TR
LTCTV
10-Lead Plastic MSOP
–40°C to 85°C
LTC1871IMS-1
LTC1871IMS-1#TR
LTCTV
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VIN(MIN)
Minimum Input Voltage
2.5
V
I-Grade (Note 2)
2.5
V
IQ
Input Voltage Supply Current
(Note 4)
Continuous Mode
VMODE/SYNC = 5V, VFB = 1.4V, VITH = 0.75V
550
1000
μA
VMODE/SYNC = 5V, VFB = 1.4V, VITH = 0.75V,
I-Grade (Note 2)
550
1000
μA
Burst Mode Operation, No Load
VMODE/SYNC = 0V, VITH = 0V (Note 5)
250
500
μA
VMODE/SYNC = 0V, VITH = 0V (Note 5),
I-Grade (Note 2)
250
500
μA
Shutdown Mode
VRUN = 0V
10
20
μA
VRUN = 0V, I-Grade (Note 2)
10
20
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VRUN = 1.5V, RFREQ = 80k, VMODE/SYNC = 0V, unless otherwise specified.


Similar Part No. - LTC1871IMS-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results

Similar Description - LTC1871IMS-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost,
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
455Kb / 32P
   High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com