Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-160-S-33-C-E-N-TR Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECS-160-S-33-C-E-N-TR
Description  SMD CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-160-S-33-C-E-N-TR Datasheet(HTML) 2 Page - ECS, Inc.

  ECS-160-S-33-C-E-N-TR Datasheet HTML 1Page - ECS, Inc. ECS-160-S-33-C-E-N-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECX-32
SMD CRYSTAL
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
FREQUENCY
MHz
Package Data
Item
Description
CODE
Developed Frequencies
POCKET TAPE DIMENSIONS (mm)
16.000
18.432
19.6608
20.000
24.000
25.000
27.000
30.000
32.000
36.000
40.000
48.000
160
184
196
200
240
250
270
300
320
360
400
480
Lid
Metal
Ceramic
Seam/EB
Tungsten (metalized)
Compliant (Pb Free)
Gold/Nickel
Surface/Under
Base
Sealing
Terminal
Plating
RoHS


Similar Part No. - ECS-160-S-33-C-E-N-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-S-36-A-D-L-TR ECS-ECS-160-S-36-A-D-L-TR Datasheet
228Kb / 2P
   SMD CRYSTAL
ECS-160-S-36-A-D-M-TR ECS-ECS-160-S-36-A-D-M-TR Datasheet
228Kb / 2P
   SMD CRYSTAL
ECS-160-S-36-A-D-N-TR ECS-ECS-160-S-36-A-D-N-TR Datasheet
228Kb / 2P
   SMD CRYSTAL
ECS-160-S-36-A-D-P-TR ECS-ECS-160-S-36-A-D-P-TR Datasheet
228Kb / 2P
   SMD CRYSTAL
ECS-160-S-36-A-E-L-TR ECS-ECS-160-S-36-A-E-L-TR Datasheet
228Kb / 2P
   SMD CRYSTAL
More results

Similar Description - ECS-160-S-33-C-E-N-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-42 ECS-ECX-42 Datasheet
112Kb / 1P
   SMD CRYSTAL
CSM-7X-DU ECS-CSM-7X-DU Datasheet
145Kb / 1P
   SMD CRYSTAL
ECX-1637 ECS-ECX-1637 Datasheet
272Kb / 2P
   SMD CRYSTAL
ECX-2236 ECS-ECX-2236 Datasheet
228Kb / 2P
   SMD CRYSTAL
ECX-2236B2 ECS-ECX-2236B2 Datasheet
1Mb / 2P
   SMD CRYSTAL
Rev.2021
CSM-7XDN ECS-CSM-7XDN Datasheet
146Kb / 1P
   SMD CRYSTAL
ECX-1637 ECS-ECX-1637_14 Datasheet
687Kb / 3P
   SMD CRYSTAL
ECX-1637Q ECS-ECX-1637Q Datasheet
604Kb / 1P
   SMD CRYSTAL
ECX-1637B2 ECS-ECX-1637B2 Datasheet
1Mb / 2P
   SMD CRYSTAL
Rev.2021
CSM-9 ECS-CSM-9 Datasheet
155Kb / 1P
   SMD CRYSTAL
CSM-7X-3L ECS-CSM-7X-3L Datasheet
155Kb / 1P
   SMD CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com