Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-200-20-23AAKM-TR Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-200-20-23AAKM-TR
Description  SMD QUARTZ CRYSTAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-200-20-23AAKM-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-200-20-23AAKM-TR Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECX-64A
SMD QUARTZ CRYSTAL
The ECX-64A is a miniature SMD Crystal with a 3.5 x 6 mm
footprint. This cost effective with a height of 1.1 mm which
is ideal for densely populated PCB applications.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECX-64A
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR Ω
MAX ESR Ω
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
Specify in P/N
@ +25°C ±3°C
at +25°C
-10 to +70°C
Frequency Range
Operating Temperature
Storage Temperature
Aging (Per Year)
Frequency Tolerance
Frequency Stability
Shunt Capacitance
Load Capacitance
Drive Level
8.000
10
MHz
°C
°C
pF
pF
µW
ppm
ppm
ppm
8.00 ~ 15.999
16.000 ~ 19.999
20.000 ~ 49.999
50.000 ~ 30.000
100.000
± 30 *
± 50 *
7
Series
100
-10
-55
+70
+125
±5
Fundamental
Fundamental
Fundamental
3rd Overtone
80
60
40
100
DIMENSIONS (mm)
Figure 1) Top, Side, Bottom and End views
Figure 2) Suggested Land Pattern
Custom Options
Rev 11/07
PART NUMBERING GUIDE: Example ECS-200-20-23A-TR
Compact and low profile
Industry Std. Footprint
Extended Temp Range Option
RoHS Compliant
ECS - Frequency Abbreviation - Load Capacitance - Package
Tolerance
Stability
Temp Range - Packaging
23A =
ECX-64A
Blank = Std
A = ± 25 ppm
C = ± 10 ppm
Blank = Std
D = ± 100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
K = ± 10 ppm
Blank = Std
M = -20 ~ +70°C
N = -40 ~ +85°C
P = -40 ~ +105°C
S = -40 ~ +125°C
U = -55 ~ +125°C
TR= Tape
& Reel
1K/Reel
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
20


Similar Part No. - ECS-200-20-23AAKM-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-200-20-23AADL-TR ECS-ECS-200-20-23AADL-TR Datasheet
575Kb / 2P
   The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECS-200-20-23AADM-TR ECS-ECS-200-20-23AADM-TR Datasheet
575Kb / 2P
   The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECS-200-20-23AADY-TR ECS-ECS-200-20-23AADY-TR Datasheet
575Kb / 2P
   The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECS-200-20-23AAEL-TR ECS-ECS-200-20-23AAEL-TR Datasheet
575Kb / 2P
   The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECS-200-20-23AAEM-TR ECS-ECS-200-20-23AAEM-TR Datasheet
575Kb / 2P
   The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
More results

Similar Description - ECS-200-20-23AAKM-TR

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com