Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2055HVHDD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2055HVHDD
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055HVHDD Datasheet(HTML) 4 Page - Linear Technology

  LTC2055HVHDD Datasheet HTML 1Page - Linear Technology LTC2055HVHDD Datasheet HTML 2Page - Linear Technology LTC2055HVHDD Datasheet HTML 3Page - Linear Technology LTC2055HVHDD Datasheet HTML 4Page - Linear Technology LTC2055HVHDD Datasheet HTML 5Page - Linear Technology LTC2055HVHDD Datasheet HTML 6Page - Linear Technology LTC2055HVHDD Datasheet HTML 7Page - Linear Technology LTC2055HVHDD Datasheet HTML 8Page - Linear Technology LTC2055HVHDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC2054/LTC2055
sn20545 20545fas
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IS
Supply Current
No Load (LTC2054)
175
210
175
215
µA
IS
Supply Current (Per Amplifier)
No Load (LTC2055)
150
180
150
185
µA
VOS
Input Offset Voltage
(Note 2)
±0.5
±5
±0.5
±5
µV
∆VOS/∆T
Average Input Offset Drift
(Note 2)
0.025 ±0.03
0.025 ±0.05
µV/°C
Long-Term Offset Drift
50
50
nV/√mo
IB
Input Bias Current (Note 4)
±3
±3pA
±150
±3000
pA
IOS
Input Offset Current (Note 4)
±6
±6pA
±300
±700
pA
en
Input Noise Voltage
RS = 100Ω, DC to 1Hz
0.6
0.6
µVP-P
RS = 100Ω, DC to 10Hz
1.6
1.6
µVP-P
CMRR
Common Mode Rejection Ratio
VCM = GND to V+ – 0.9
120
130
120
130
dB
115
115
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 11V
120
130
120
130
dB
115
115
dB
AVOL
Large-Signal Voltage Gain
RL = 100k, VOUT = GND
125
140
125
140
dB
120
120
dB
VOUT
Maximum Output Voltage Swing
RL = 5k to GND
±4.78 ±4.82
±4.78 ±4.82
V
RL = 5k to GND
±4.75
±4.70
V
RL = 100k to GND
±4.98 ±4.99
±4.98 ±4.99
V
RL = 100k to GND
±4.975
±4.97
V
SR
Slew Rate
0.5
0.5
V/µs
GBW
Gain Bandwidth Product
500
500
kHz
fS
Internal Sampling Frequency
1
1
kHz
(LTC2054HV/LTC2055HV) The
denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = ±5V
unless otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: These parameters are guaranteed by design. Thermocouple effects
preclude measurements of these voltage levels during automated testing.
Note 3: All versions of the LTC2054/LTC2055 are designed, characterized
and expected to meet the extended temperature limits of – 40°C and
125°C. The LTC2054C/LTC2055C/LTC2054HVC/LTC2055HVC are
guaranteed to meet the temperature limits of 0°C and 70°C. The LTC2054I/
LTC2055I/LTC2054HVI/LTC2055HVI are guaranteed to meet temperature
limits of – 40°C and 85°C. The LTC2054H/LTC2055H and LTC2054HVH/
LTC2055HVH are guaranteed to meet the temperature limits of – 40°C and
125°C.
Note 4: Limit is determined by high speed automated test capability. See
Typical Chacteristic curves for actual typical performance. For tighter
specifications, please consult Linear Technology Marketing.
Note 5: The θJA specified for the DD package is with minimal PCB heat
spreading metal. Using expanded metal area on all layers of a board
reduces this value.
LTC2054HVC/LTC2055HVC
LTC2054HVI/LTC2055HVI
LTC2054HVH/LTC2055HVH


Similar Part No. - LTC2055HVHDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC2055 LINER-LTC2055 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2055HVHDD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com