Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2202CUK Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2202CUK
Description  16-Bit, 25Msps/10Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202CUK Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2202CUK Datasheet HTML 2Page - Linear Technology LTC2202CUK Datasheet HTML 3Page - Linear Technology LTC2202CUK Datasheet HTML 4Page - Linear Technology LTC2202CUK Datasheet HTML 5Page - Linear Technology LTC2202CUK Datasheet HTML 6Page - Linear Technology LTC2202CUK Datasheet HTML 7Page - Linear Technology LTC2202CUK Datasheet HTML 8Page - Linear Technology LTC2202CUK Datasheet HTML 9Page - Linear Technology LTC2202CUK Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2203/LTC2202
6
22032fb
LTC2203
LTC2202
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
1
25
1
10
MHz
tL
CLK Low Time
Duty Cycle Stabilizer Off
18.9
20
500
40
50
500
ns
Duty Cycle Stabilizer On
5
20
500
5
50
500
ns
tH
CLK High Time
Duty Cycle Stabilizer Off
18.9
20
500
40
50
500
ns
Duty Cycle Stabilizer On
5
20
500
5
50
500
ns
tAP
Sample-and-Hold
0.9
0.9
ns
Aperture Delay
tD
CLK to DATA Delay
CL = 5pF (Note 7)
1.3
3.1
4.9
1.3
3.1
4.9
ns
tC
CLK to CLKOUT Delay
CL = 5pF (Note 7)
1.3
3.1
4.9
1.3
3.1
4.9
ns
tSKEW
DATA to CLKOUT Skew
CL = 5pF (Note 7)
–0.6
0
0.6
–0.6
0
0.6
ns
DATA Access Time
CL = 5pF (Note 7)
5
15
5
15
ns
Bus Relinquish Time
(Note 7)
5
15
5
15
ns
Pipeline
7
7
Cycles
Latency
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND, with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 25MHz (LTC2203), 10MHz (LTC2202),
input range = 2.5VP-P with differential drive (PGA = 0), unless otherwise
specified.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
“best fit straight line” to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 6: Offset error is the offset voltage measured from – 1/2LSB when the
output code flickers between 0000 0000 0000 0000 and 1111 1111 1111
1111 in 2’s complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
Note 9: Dynamic current from switched capacitor inputs is large compared
to DC leakage current, and will vary with sample rate.
Note 10: Leakage current will experience transient at power up. Keep
resistance < 1K Ω.
TI I G CHARACTERISTICS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
tAP
ANALOG
INPUT
tH
tD
tC
tL
N – 7
N – 6
N – 5
N – 4
N – 3
CLK
CLKOUT+
CLKOUT–
D0-D15, OF
22032 TD01
N + 1
N + 2
N + 4
N + 3
N
TI I G DIAGRA


Similar Part No. - LTC2202CUK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2202 LINER-LTC2202 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2202 LINER-LTC2202 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2202 LINER-LTC2202 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2202 LINER-LTC2202 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2202 LINER-LTC2202_15 Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
More results

Similar Description - LTC2202CUK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2202 LINER-LTC2202_15 Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
LTC2203 LINER-LTC2203_15 Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com