Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2203 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2203
Description  16-Bit, 25Msps/10Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2203 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2203 Datasheet HTML 6Page - Linear Technology LTC2203 Datasheet HTML 7Page - Linear Technology LTC2203 Datasheet HTML 8Page - Linear Technology LTC2203 Datasheet HTML 9Page - Linear Technology LTC2203 Datasheet HTML 10Page - Linear Technology LTC2203 Datasheet HTML 11Page - Linear Technology LTC2203 Datasheet HTML 12Page - Linear Technology LTC2203 Datasheet HTML 13Page - Linear Technology LTC2203 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2203/LTC2202
10
22032fb
LTC2203: 32K Point 2-Tone FFT,
fIN = 44.9MHz and 70.1MHz,
–7dBFS, PGA = 0
LTC2203: 32K Point 2-Tone FFT,
fIN = 44.9MHz and 70.1MHz,
–15dBFS, PGA = 0
LTC2203: SFDR vs Input Level,
fIN = 70.1MHz, PGA = 0,
Dither “Off”
LTC2203: SFDR vs Input Level,
fIN = 70.1MHz, PGA = 0,
Dither “On”
LTC2203: SFDR (HD2 or HD3) vs
Input Frequency
LTC2203: SNR vs Input Frequency
LTC2203: SNR and SFDR vs
Sample Rate
LTC2203: SNR and SFDR vs
Supply Voltage (VDD), fIN = 5MHz
LTC2203: IVDD vs Sample Rate,
5MHz Sine Wave, –1dBFS
FREQUENCY(MHz)
0
–140
–120
–100
–80
0
–10
–30
–50
–70
–90
–110
–130
–40
26
–20
–60
4
8
10
12
22032 G28
FREQUENCY(MHz)
0
–140
–120
–100
–80
0
–10
–30
–50
–70
–90
–110
–130
–40
26
–20
–60
4
8
10
12
22032 G29
INPUT LEVEL (dBFS)
–70
–60
–50
–40
–30
–20
–10
0
80
100
120
22023 G30
60
40
20
0
140
INPUT LEVEL (dBFS)
–70
80
100
120
22032 G31
60
40
–60
–50
–40
–30
–20
–10
0
20
0
140
INPUT FREQUENCY (MHz)
0
85
90
95
60
100
22023 G32
80
75
70
20
40
80
100
105
110
PGA = 1
PGA = 0
INPUT FREQUENCY (MHz)
0
73
74
76
77
78
80
82
22023 G33
75
40
20
100
120
60
140
79
80
81
PGA = 0
PGA = 1
SAMPLE RATE (Msps)
0
75
80
90
95
100
110
5
25
35
22023 G34
85
105
20
45 50
10 15
30
40
SFDR
RATED MAX
SNR
SUPPLY VOLTAGE (V)
2.8
95
100
105
3.4
3.5
22023 G35
90
85
2.9
3.0
3.1
3.2
3.3
3.6
80
75
110
SFDR
LOWER LIMIT
UPPER LIMIT
SNR
SAMPLE RATE (Msps)
0
65
70
75
20
22023 G36
60
55
50
5
10
15
25
TYPICAL PERFOR
CE CHARACTERISTICS
A


Similar Part No. - LTC2203

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2203 LINER-LTC2203 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2203 LINER-LTC2203 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2203 LINER-LTC2203 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2203 LINER-LTC2203_15 Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
More results

Similar Description - LTC2203

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2202 LINER-LTC2202_15 Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
LTC2203 LINER-LTC2203_15 Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com