Electronic Components Datasheet Search |
|
ECS-160-S-7SX-A-H-M-TR Datasheet(PDF) 1 Page - ECS, Inc. |
|
ECS-160-S-7SX-A-H-M-TR Datasheet(HTML) 1 Page - ECS, Inc. |
|
1 / 1 page ECX-3SX SMD QUARTZ CRYSTAL The wide frequency range SMD quartz crystal is an excellent choice for surface mount applications. The ruggedized moulded package is made from the same thermoplastic that is an industry standard for integrated circuits. 1105 South Ridgeview Road Olathe, KS 66062 Phone: 913.782.7787 Fax: 913.782.6991 www.ecsxtal.com PARAMETERS CONDITIONS MIN TYP MAX ECX-3SX OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS UNITS Aging Characteristics (Per Year) Equivalent Series Resistance/ Mode of Oscillation Operating Temperature Storage Temperature Drive Level Frequency FO Frequency Tolerance Frequency Stability (ref @ 25°C) Shunt Capacitance Load Capacitance Specify in P/N -10 ~ +70°C @ +25°C Topr Tstg @ +25°C ± 3°C 3.57 ~ 3.999 MHz (Fund) 4.00 ~ 5.999 MHz (Fund) 6.00 ~ 9.999 MHz (Fund) 10.00 ~ 35.999 MHz (Fund) 27.00 ~ 70.00 MHz (3rd OT) 70.000 ± 30 * ± 50 * 7.0 100 +70 +85 ± 5 200 150 100 50 100 3.570 -10 -40 20 MHz ppm ppm pF pF µW °C °C ppm Ω Ω Ω Ω Ω PACKAGE DIMENSIONS (mm) PART NUMBERING GUIDE: Example ECS-160-20-7SX-TR Custom Options Low Profile Industry Standard Footprint Extended Temp. Range Option RoHS Compliant ECS - Frequency Abbreviation - Load - Package Type - Tolerance - Stability - Temp Range - Packaging 160 = 16.000 MHz See P/N Guide for Std Frequencies 20 = 20.0 pF S = Series -7SX = ECX-3SX -TR = Tape & Reel 1K/Reel A = ± 25 ppm C = ± 10 ppm D = ±100 ppm E = ± 50 ppm G = ± 30 ppm H = ± 25 ppm K = ± 10 ppm L = -10 ~ +70°C M = -20 ~ +70°C N = -40 ~ +85°C P = -40~+105°C |
Similar Part No. - ECS-160-S-7SX-A-H-M-TR |
|
Similar Description - ECS-160-S-7SX-A-H-M-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |