Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2053IDD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2053IDD
Description  Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053IDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2053IDD Datasheet HTML 2Page - Linear Technology LTC2053IDD Datasheet HTML 3Page - Linear Technology LTC2053IDD Datasheet HTML 4Page - Linear Technology LTC2053IDD Datasheet HTML 5Page - Linear Technology LTC2053IDD Datasheet HTML 6Page - Linear Technology LTC2053IDD Datasheet HTML 7Page - Linear Technology LTC2053IDD Datasheet HTML 8Page - Linear Technology LTC2053IDD Datasheet HTML 9Page - Linear Technology LTC2053IDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2053/LTC2053-SYNC
6
2053syncfb
TYPICAL PERFOR A CE CHARACTERISTICS
Error Due to Input RS vs Input
Common Mode (CIN < 100pF)
Error Due to Input RS vs Input
Common Mode (CIN < 100pF)
Error Due to Input RS vs Input
Common Mode (CIN < 100pF)
Error Due to Input RS Mismatch
vs Input Common Mode
(CIN < 100pF)
Error Due to Input RS Mismatch
vs Input Common Mode
(CIN < 100pF)
Error Due to Input RS Mismatch
vs Input Common Mode
(CIN < 100pF)
Error Due to Input RS vs Input
Common Mode (CIN > 1µF)
Error Due to Input RS vs Input
Common Mode (CIN > 1µF)
Error Due to Input RS vs Input
Common Mode (CIN > 1µF)
INPUT COMMON MODE VOLTAGE (V)
0
60
40
20
0
–20
–40
–60
0.5
1.0
1.5
2.0
2053 G10
2.5
3.0
VS = 3V
VREF = 0V
R+ = R= RS
CIN < 100pF
G = 10
TA = 25°C
RS = 0k
RS = 20k
RS = 10k
RS = 5k
+
RS
RS
SMALL CIN
RS = 15k
INPUT COMMON MODE VOLTAGE (V)
0
30
20
10
0
–10
–20
–30
1
23
4
2053 G11
5
VS = 5V
VREF = 0V
R+ = R= RS
CIN < 100pF
G = 10
TA = 25°C
RS = 20k
RS = 15k
RS = 10k
RS = 5k
–5
–3
–1
1
3
5
INPUT COMMON MODE VOLTAGE (V)
2053 G12
25
20
15
10
5
0
–5
–10
–15
–20
–25
VS = ±5V
VREF = 0V
R+ = R= RS
CIN < 100pF
G = 10
TA = 25°C
RS = 20k
RS = 15k
RS = 10k
INPUT COMMON MODE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2053 G13
2.5
3.0
50
40
30
20
10
0
–10
–20
–30
–40
–50
VS = 3V
VREF = 0V
CIN < 100pF
G = 10
TA = 25°C
R+ = 0k, R= 10k
R+ = 0k, R= 15k
R+ = 0k, R= 5k
+
R+
R
SMALL CIN
R+ =15k, R= 0k
R+ = 5k, R= 0k
R+ = 10k, R= 0k
INPUT COMMON MODE VOLTAGE (V)
0
1
234
2053 G14
5
40
30
20
10
0
–10
–20
–30
–40
VS = 5V
VREF = 0V
CIN < 100pF
G = 10
TA = 25°C
RIN
+ = 0k, R
IN
= 20k
RIN
+ = 0k, R
IN
= 15k
RIN
+ = 0k, R
IN
= 10k
RIN
+ =15k, R
IN
= 0k
RIN
+ =10k, R
IN
= 0k
RIN
+ =20k, R
IN
= 0k
INPUT COMMON MODE VOLTAGE (V)
2053 G15
40
30
20
10
0
–10
–20
–30
–40
VS = ±5V
VREF = 0V
CIN < 100pF
G = 10
TA = 25°C
R+ = 0k, R= 15k
R+ = 0k, R= 20k
R+ =15k, R= 0k
R+ =20k, R= 0k
–5
–3
–1
1
3
5
INPUT COMMON MODE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2053 G16
2.5
3.0
40
30
20
10
0
–10
–20
–30
–40
VS = 3V
VREF = 0V
R+ = R= RS
CIN > 1µF
G = 10
TA = 25°C
RS = 15k
RS = 10k
RS = 5k
+
RS
RS
BIG CIN
INPUT COMMON MODE VOLTAGE (V)
0
70
50
30
10
–10
–30
–50
–70
1
23
4
2053 G17
5
VS = 5V
VREF = 0V
R+ = R= RS
CIN > 1µF
G = 10
TA = 25°C
RS = 500Ω
RS = 10k
RS = 1k
RS = 5k
INPUT COMMON MODE VOLTAGE (V)
2053 G18
80
60
40
20
0
–20
–40
–60
–80
VS = ±5V
VREF = 0V
R+ = R= RS
CIN > 1µF
G = 10
TA = 25°C
–5
–3
–1
1
3
5
RS = 500Ω
RS = 10k
RS = 1k
RS = 5k


Similar Part No. - LTC2053IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053IDD LINER-LTC2053IDD Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
More results

Similar Description - LTC2053IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com