Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2053-SYNC Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2053-SYNC
Description  Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053-SYNC Datasheet(HTML) 4 Page - Linear Technology

  LTC2053-SYNC Datasheet HTML 1Page - Linear Technology LTC2053-SYNC Datasheet HTML 2Page - Linear Technology LTC2053-SYNC Datasheet HTML 3Page - Linear Technology LTC2053-SYNC Datasheet HTML 4Page - Linear Technology LTC2053-SYNC Datasheet HTML 5Page - Linear Technology LTC2053-SYNC Datasheet HTML 6Page - Linear Technology LTC2053-SYNC Datasheet HTML 7Page - Linear Technology LTC2053-SYNC Datasheet HTML 8Page - Linear Technology LTC2053-SYNC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2053/LTC2053-SYNC
4
2053syncfb
Gain Error
AV = 1
0.001
0.01
%
Gain Nonlinearity
AV = 1
3
10
ppm
Input Offset Voltage (Note 2)
VCM = 0V
10
±20
µV
Average Input Offset Drift (Note 2)
TA = – 40°C to 85°C
±50
nV/°C
TA = 85°C to 125°C
–1
–2.5
µV/°C
Average Input Bias Current (Note 3)
VCM = 1V
410
nA
Average Input Offset Current (Note 3)
VCM = 1V
13
nA
Common Mode Rejection Ratio
AV = 1, VCM = – 5V to 5V, LTC2053C
105
118
dB
(Notes 4, 5)
AV = 1, VCM = – 5V to 5V, LTC2053C-SYNC
100
118
dB
(Notes 4, 5)
AV = 1, VCM = – 4.9V to 4.9V, LTC2053I
105
118
dB
AV = 1, VCM = – 4.9V to 4.9V, LTC2053I-SYNC
100
118
dB
AV = 1, VCM = – 5V to 5V, LTC2053I, LTC2053I-SYNC
95
118
dB
AV = 1, VCM = –4.9V to 4.9V, LTC2053H
100
dB
AV = 1, VCM = –5V to 5V, LTC2053H
90
dB
Power Supply Rejection Ratio (Note 6)
VS = 2.7V to 11V
110
116
dB
Maximum Output Voltage Swing
RL = 2k to GND, C and I Grades
±4.5
±4.8
V
RL = 10k to GND, All Grades
±4.6
±4.9
V
RL = 2k to GND, LTC2053H Only
±4.4
±4.8
V
Supply Current
No Load
0.95
1.3
mA
Supply Current, Shutdown
VEN ≥ 4.5V, LTC2053 Only
20
µA
EN Pin Input Low Voltage, VIL
– 4.5
V
CLK Pin Input Low Voltage, VIL
0.5
V
EN/CLK Pin Input High Voltage, VIH
4.5
V
EN/CLK Pin Input Current
VEN/CLK = V
–3
– 20
µA
Internal Op Amp Gain Bandwidth
200
kHz
Slew Rate
0.2
V/µs
Internal Sampling Frequency
3kHz
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels in high speed automatic test
systems. VOS is measured to a limit determined by test equipment
capability.
Note 3: If the total source resistance is less than 10k, no DC errors result
from the input bias currents or the mismatch of the input bias currents or
the mismatch of the resistances connected to –IN and +IN.
Note 4: The CMRR with a voltage gain, AV, larger than 10 is 120dB (typ).
Note 5: At temperatures above 70°C, the common mode rejection ratio
lowers when the common mode input voltage is within 100mV of the
supply rails.
Note 6: The power supply rejection ratio (PSRR) measurement accuracy
depends on the proximity of the power supply bypass capacitor to the
device under test. Because of this, the PSRR is 100% tested to relaxed
limits at final test. However, their values are guaranteed by design to meet
the data sheet limits.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V= – 5V, REF = 0V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC2053-SYNC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053-SYNC LINER-LTC2053-SYNC Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
LTC2053-SYNC AD-LTC2053-SYNC Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
logo
Linear Technology
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
More results

Similar Description - LTC2053-SYNC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com