Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ9005D Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ9005D
Description  Single-Cell Battery Protection IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9005D Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ9005D Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9005D Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9005D Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9005D Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9005D Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9005D Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9005D Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9005D Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9005D Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AOZ9005D
Rev. 1.1 August 2008
www.aosmd.com
Page 6 of 16
INPUT CURRENT (Shutdown Function)
IOPE
Current Consumption During
Operation
VDD = 3.5V, VVM = 0V
1.0
3.0
5.5
µA
TA = -40°C to +85°C
0.7
3.0
6.0
µA
IPDN
Current Consumption at
Shutdown
VDD = VVM = 1.5V
0.2
µA
TA = -40°C to +85°C
0.3
µA
INTEGRATED MOSFET
BVDS_C
Charge Control MOSFET
Drain-Source Breakdown
VDD = VCU
30
V
ILEAK_C
Charge Control MOSFET
Leakage
VDD = VCU
1µA
BVDS_D
Discharge Control MOSFET
Drain-Source Breakdown
Voltage
VDD = VDL
30
V
ILEAK_D
Discharge Control MOSFET
Leakage Current
VDD = VDL
1µA
RSS
Total Output Resistance
(OUTM to VSS)
VDD = 3.5V, IOUT = 1.5A
140
180
mΩ
DETECTION DELAY TIME (Combination 2 per Table 1)
tCU
Overcharge Detection Delay
Time
TA = 25°C
0.96
1.2
1.4
s
TA = -40°C to +85°C
0.7
1.2
2
s
tDL
Over-Discharge Detection Delay
Time
TA = 25°C
120
150
180
ms
TA = -40°C to +85°C
83
150
255
ms
tDIOV
Discharge Over-Current
Detection Delay Time
TA = 25°C
7.2
9
11
ms
TA = -40°C to +85°C
5
9
15
ms
tCIOV
Charge Over-Current Detection
Delay Time
TA = 25°C
7.2
9
11
ms
TA = -40°C to +85°C
5
9
15
ms
tSHORT
Load Short-Circuiting
Detection Delay Time
TA = 25°C
240
300
360
µs
TA = -40°C to +85°C
150
300
540
µs
Electrical Characteristics (Continued)
TA = 25°C unless otherwise specified. Parameters specified over TA = -40°C to +85°C are guaranteed by design only and not
production tested.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit


Similar Part No. - AOZ9005D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9004B AOSMD-AOZ9004B Datasheet
556Kb / 17P
   Single-Cell Battery Protection IC with Integrated MOSFET
AOZ9004BI AOSMD-AOZ9004BI Datasheet
556Kb / 17P
   Single-Cell Battery Protection IC with Integrated MOSFET
AOZ9004BI-01 AOSMD-AOZ9004BI-01 Datasheet
556Kb / 17P
   Single-Cell Battery Protection IC with Integrated MOSFET
AOZ9004BI-02 AOSMD-AOZ9004BI-02 Datasheet
556Kb / 17P
   Single-Cell Battery Protection IC with Integrated MOSFET
AOZ9004BI-03 AOSMD-AOZ9004BI-03 Datasheet
556Kb / 17P
   Single-Cell Battery Protection IC with Integrated MOSFET
More results

Similar Description - AOZ9005D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9004D AOSMD-AOZ9004D Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
   Single cell lithium battery protection IC
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
logo
Grenergy Opto, lnc.
GB5101 GRENERGY-GB5101 Datasheet
724Kb / 13P
   Battery Protection IC for Single-cell Pack
logo
Texas Instruments
UCC3952-1 TI-UCC3952-1 Datasheet
101Kb / 8P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
logo
Seiko Instruments Inc
S-8261 SII-S-8261 Datasheet
706Kb / 36P
   BATTERY PROTECTION IC FOR SINGLE-CELL PACK
logo
Grenergy Opto, lnc.
GB5101L GRENERGY-GB5101L Datasheet
727Kb / 13P
   Battery Protection IC for Single-cell Pack
logo
Texas Instruments
UCC3952A-1 TI1-UCC3952A-1 Datasheet
144Kb / 9P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
logo
List of Unclassifed Man...
CW1053 ETC1-CW1053 Datasheet
808Kb / 13P
   5-cell battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com