Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ9004BI-01 Datasheet(PDF) 10 Page - Alpha & Omega Semiconductors

Part # AOZ9004BI-01
Description  Single-Cell Battery Protection IC with Integrated MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9004BI-01 Datasheet(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AOZ9004BI-01 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9004BI-01 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9004BI-01 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9004BI-01 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9004BI-01 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ9004BI-01 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ9004BI-01 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ9004BI-01 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ9004BI-01 Datasheet HTML 14Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AOZ9004B
Rev. 1.2 August 2008
www.aosmd.com
Page 10 of 17
When a battery is in the normal status, and the discharge
current becomes abnormally higher (EB+ pin and EB- pin
shorted), and thus the VM pin voltage is equal or higher
than load short-circuiting detection voltage (VSHORT) for
load short-circuiting detection delay time (tSHORT), the IC
turns off the discharge control MOSFET and stops
discharging. This status is the load shorting-circuiting
status. In the load shorting-circuiting status, the VM pin
and VSS pin are shorted by the resistor between VM pin
and VSS pin (RVMS) in the IC. When the short-circuiting
condition is released, the VM pin returns to the VSS
potential. The resistance (RVMD) between the VM pin and
VDD pin is not connected in the load shorting-
circuiting status.
Charge Over-Current Status
When a battery in the normal status, and the charge cur-
rent is higher than the specified value and the status lasts
for the charge over-current detection delay time (tCIOV),
the charge control MOSFET is turned off and charging is
stopped. This status is the charge over-current status.
This IC will be restored to the normal status from the
charge over-current status when, the voltage at the VM
pin returns to charge over-current detection voltage
(VCIOV) or higher by removing the charger. The charge
over-current detection function does not work in the over-
discharge status. The resistance (RVMD) between the VM
pin and VDD pin, and the resistance (RVMS) between the
VM pin and VSS pin are not connected in the charge
over-current status.
0V Battery Charging Function “Available”
This function is used to recharge a connected battery
whose voltage is 0V due to self-discharge. When the 0V
battery charge starting charger voltage (V0CHA) or a
higher voltage is applied between the EB+ and EB- pins
by connecting a charger, the charging control MOSFET
gate is fixed to the VDD pin voltage.
When the voltage between the gate and source of the
charging control MOSFET becomes equal to or higher
than the turn-on voltage due to the charger voltage, the
charging control MOSFET is turned on to start charging.
At this time, the discharging control MOSFET is off and
the charging current flows through the internal parasitic
diode in the discharging control MOSFET. When the
battery voltage becomes equal to or higher than over-
discharge release voltage (VDU), the AOZ9004B enters
the normal status.
Battery Charging Function “Unavailable”
This function inhibits recharging when a battery that is
internally short-circuited (0V battery) is connected. When
the battery voltage is the 0V battery charge inhibition
battery voltage (V0INH) or lower, the charging control
MOSFET gate is fixed to the EB- pin voltage to inhibit
charging. When the battery voltage is the 0V battery
charge inhibition battery voltage (V0INH) or higher,
charging can be performed.
Calculation of Current Limit
The charge and discharge current limit is determined by
the charge and discharge over-current threshold voltages
(VDIOV and VCIOV), and the total resistance of the internal
MOSFET (RSS). Use the following equations to deter-
mine the maximum and minimum current limits:
MIN
SS
MAX
DIOV
MAX
DIOV
R
V
I
_
_
_
=
;
MAX
SS
MIN
DIOV
MIN
DIOV
R
V
I
_
_
_
=
MIN
SS
MAX
CIOV
MAX
CIOV
R
V
I
_
_
_
=
;
MAX
SS
MIN
CIOV
MIN
CIOV
R
V
I
_
_
_
=


Similar Part No. - AOZ9004BI-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9004D AOSMD-AOZ9004D Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
AOZ9004DI-00 AOSMD-AOZ9004DI-00 Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
AOZ9004DI-01 AOSMD-AOZ9004DI-01 Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
More results

Similar Description - AOZ9004BI-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9006DIL AOSMD-AOZ9006DIL Datasheet
425Kb / 15P
   Single-Cell Battery Protection IC with Integrated MOSFET
AOZ9004D AOSMD-AOZ9004D Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
AOZ9005D AOSMD-AOZ9005D Datasheet
380Kb / 16P
   Single-Cell Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
   Single cell lithium battery protection IC
logo
ON Semiconductor
LC05732ARA ONSEMI-LC05732ARA Datasheet
144Kb / 16P
   Battery Protection IC, Integrated Power MOSFET, 1-Cell Lithium-Ion Battery
March, 2018 ??Rev. 3
LC05711ARA ONSEMI-LC05711ARA Datasheet
416Kb / 14P
   Battery Protection IC, Integrated Power MOSFET, 1-Cell Lithium-Ion Battery
February 2017 - Rev. 0
logo
Neotec Semiconductor Lt...
NT1613A NEOTEC-NT1613A Datasheet
244Kb / 3P
   Integrated Protection IC for 1-Cell Battery Pack
V1.6
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
logo
Grenergy Opto, lnc.
GB5101 GRENERGY-GB5101 Datasheet
724Kb / 13P
   Battery Protection IC for Single-cell Pack
logo
Texas Instruments
UCC3952-1 TI-UCC3952-1 Datasheet
101Kb / 8P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com