Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ9004BI Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ9004BI
Description  Single-Cell Battery Protection IC with Integrated MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9004BI Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ9004BI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AOZ9004B
Rev. 1.2 August 2008
www.aosmd.com
Page 4 of 17
Block Diagram
Figure 2. AOZ9004B Function Block Diagram
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the device.
Note:
6. The value of RθJA is measured with the device mounted on 1-in2 FR-4 board with 2-oz. copper, in a still air
environment with TA = 25°C. The value in any given application depends on the user’s specific board design.
Parameter
Rating
VDD to VSS
-0.3V to +12V
VM to VDD
-28V to +0.3V
MOSFET Gate-to-Source Voltage
-0.3V to +12V
Continuous Drain Current(4)
(RθJA = 95°C/W, TA = 25°C)
(RθJA = 95°C/W, TA = 85°C)
5A
3A
Pulsed Drain Current
30A
Storage Temperature (TS)
-55°C to +125°C
Operating Temperature (TA)
-40°C to +85°C
Power Dissipation(6)
(RθJA = 95°C/W, TA = 25°C)
(RθJA = 95°C/W, TA = 85°C)
1.1W
0.5W
Charger
Detection
Discharge
Over-Current
Comp
Over-Charge
Comp
Over-
Discharge
Comp
Oscillator
Counter/
Logic
0V Battery
Charge
Function
R2
2k
Ω
VM
VDD
VDD
VSS
C1
0.1
μF
R1
220
Ω
RVDM
RVMS
EB-
EB+
Charge
Over-Current
Comp
Short-Circuit
Comp
Battery Protection IC
AOZ9004B
Dual Common-Drain MOSFET
OUTM
N1
N2
Single-Cell
Lithium-Ion/
Lithium Polymer
Battery


Similar Part No. - AOZ9004BI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9004D AOSMD-AOZ9004D Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
AOZ9004DI-00 AOSMD-AOZ9004DI-00 Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
AOZ9004DI-01 AOSMD-AOZ9004DI-01 Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
More results

Similar Description - AOZ9004BI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9006DIL AOSMD-AOZ9006DIL Datasheet
425Kb / 15P
   Single-Cell Battery Protection IC with Integrated MOSFET
AOZ9004D AOSMD-AOZ9004D Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
AOZ9005D AOSMD-AOZ9005D Datasheet
380Kb / 16P
   Single-Cell Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
   Single cell lithium battery protection IC
logo
ON Semiconductor
LC05732ARA ONSEMI-LC05732ARA Datasheet
144Kb / 16P
   Battery Protection IC, Integrated Power MOSFET, 1-Cell Lithium-Ion Battery
March, 2018 ??Rev. 3
LC05711ARA ONSEMI-LC05711ARA Datasheet
416Kb / 14P
   Battery Protection IC, Integrated Power MOSFET, 1-Cell Lithium-Ion Battery
February 2017 - Rev. 0
logo
Neotec Semiconductor Lt...
NT1613A NEOTEC-NT1613A Datasheet
244Kb / 3P
   Integrated Protection IC for 1-Cell Battery Pack
V1.6
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
logo
Grenergy Opto, lnc.
GB5101 GRENERGY-GB5101 Datasheet
724Kb / 13P
   Battery Protection IC for Single-cell Pack
logo
Texas Instruments
UCC3952-1 TI-UCC3952-1 Datasheet
101Kb / 8P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com