Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ9004BI Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ9004BI
Description  Single-Cell Battery Protection IC with Integrated MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9004BI Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ9004BI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ9004BI Datasheet HTML 11Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AOZ9004B
Rev. 1.2 August 2008
www.aosmd.com
Page 7 of 17
DETECTION DEALY TIME (Combination 1 per Table 1)
tCU
Overcharge Detection Delay
Time
TA = 25°C
0.96
1.2
1.4
s
TA = -40°C to +85°C
0.7
1.2
2
tDL
Over-Discharge Detection Delay
Time
TA = 25°C
120
150
180
ms
TA = -40°C to +85°C
83
150
255
tDIOV
Discharge Over-Current
Detection Delay Time
TA = 25°C
7.2
9
11
ms
TA = -40°C to +85°C
5
9
15
tCIOV
Charge Over-Current Detection
Delay Time
TA = 25°C
7.2
9
11
ms
TA = -40°C to +85°C
5
9
15
tSHORT
Load Short-Circuiting
Detection Delay Time
TA = 25°C
450
560
670
µs
TA = -40°C to +85°C
260
560
940
Electrical Characteristics (Continued)
TA = 25°C unless otherwise specified. Parameters specified over TA = -40°C to +85°C are guaranteed by design only and not
production tested.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit


Similar Part No. - AOZ9004BI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9004D AOSMD-AOZ9004D Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
AOZ9004DI-00 AOSMD-AOZ9004DI-00 Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
AOZ9004DI-01 AOSMD-AOZ9004DI-01 Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
More results

Similar Description - AOZ9004BI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9006DIL AOSMD-AOZ9006DIL Datasheet
425Kb / 15P
   Single-Cell Battery Protection IC with Integrated MOSFET
AOZ9004D AOSMD-AOZ9004D Datasheet
473Kb / 16P
   Single-Cell Battery Protection IC
AOZ9005D AOSMD-AOZ9005D Datasheet
380Kb / 16P
   Single-Cell Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
   Single cell lithium battery protection IC
logo
ON Semiconductor
LC05732ARA ONSEMI-LC05732ARA Datasheet
144Kb / 16P
   Battery Protection IC, Integrated Power MOSFET, 1-Cell Lithium-Ion Battery
March, 2018 ??Rev. 3
LC05711ARA ONSEMI-LC05711ARA Datasheet
416Kb / 14P
   Battery Protection IC, Integrated Power MOSFET, 1-Cell Lithium-Ion Battery
February 2017 - Rev. 0
logo
Neotec Semiconductor Lt...
NT1613A NEOTEC-NT1613A Datasheet
244Kb / 3P
   Integrated Protection IC for 1-Cell Battery Pack
V1.6
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
logo
Grenergy Opto, lnc.
GB5101 GRENERGY-GB5101 Datasheet
724Kb / 13P
   Battery Protection IC for Single-cell Pack
logo
Texas Instruments
UCC3952-1 TI-UCC3952-1 Datasheet
101Kb / 8P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com