Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-LVDS33-1000-B-M Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECS-LVDS33-1000-B-M
Description  SMD LVDS OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-LVDS33-1000-B-M Datasheet(HTML) 2 Page - ECS, Inc.

  ECS-LVDS33-1000-B-M Datasheet HTML 1Page - ECS, Inc. ECS-LVDS33-1000-B-M Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECS-LVDS25/LVDS33
SMD LVDS
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
FREQUENCY
MHz
Package Data
Item
Description
CODE
Frequency Abbreviations
TAPE DIMENSIONS (mm)
100.000
106.250
125.000
156.250
200.000
1000
1062.5
1250
1562.5
2000
Lid
Metal
Ceramic
Seam
Tungsten (metalized)
Compliant (Pb Free)
Gold/Nickel
(Surface)/(Under)
Base
Sealing
Terminal
Plating
RoHS


Similar Part No. - ECS-LVDS33-1000-B-M

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-LVDS25-1250-A ECS-ECS-LVDS25-1250-A Datasheet
226Kb / 2P
   ECS-LVDS25 (2.5V) and ECS-LVDS33 (3.3V) Low Voltage Differential Signaling SMD LVDS oscillators
More results

Similar Description - ECS-LVDS33-1000-B-M

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O3LS FOX-O3LS Datasheet
211Kb / 3P
   3.2x2.5mm SMD LVDS Oscillator
O5LS FOX-O5LS Datasheet
265Kb / 4P
   5.0x3.2mm SMD LVDS Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
logo
CRYSTEK CORPORATION
CCLD-033 CRYSTEKMICROWAVE-CCLD-033 Datasheet
319Kb / 3P
   5횞7mm SMD LVDS Clock Oscillator
logo
List of Unclassifed Man...
CCLD-033 ETC2-CCLD-033 Datasheet
597Kb / 3P
   5x7mm SMD LVDS Clock Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TS0014A TAI-SAW-TS0014A Datasheet
383Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
logo
Jauch Quartz Gmbh
JOD75-3.3V JAUCH-JOD75-3.3V Datasheet
178Kb / 2P
   SMD Low Voltage LVDS Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TS0016A TAI-SAW-TS0016A Datasheet
407Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0018A TAI-SAW-TS0018A Datasheet
406Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0021A TAI-SAW-TS0021A Datasheet
412Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com