Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8033DIL Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ8033DIL
Description  4-Line EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8033DIL Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ8033DIL Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8033DIL Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8033DIL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8033DIL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8033DIL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8033DIL Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8033DIL Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOZ8033
Rev. 1.7 January 2009
www.aosmd.com
Page 2 of 7
Ordering Information
All AOS products are offered in packages with Pb-free plating and compliant to RoHS standards.
Parts marked as Green Products (with “L” suffix) use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ8033DIL
-40°C to +85°C
DFN-8
RoHS Compliant
Green Product
DFN-8
(Bottom View)
8
7
6
5
1
2
3
4
18
27
36
45
Top View
Pin Number
Pin Name
Pin Function
1, 8
CH 1
Channel 1 Connections
2, 7
CH 2
Channel 2 Connections
3, 6
CH 3
Channel 3 Connections
4, 5
CH 4
Channel 4 Connections
Exposed Pad
GND
Common Ground Connection


Similar Part No. - AOZ8033DIL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8030 AOSMD-AOZ8030 Datasheet
385Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8030DIL AOSMD-AOZ8030DIL Datasheet
385Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035DIL AOSMD-AOZ8035DIL Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
More results

Similar Description - AOZ8033DIL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8013 AOSMD-AOZ8013 Datasheet
333Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8533 AOSMD-AOZ8533 Datasheet
310Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8073 AOSMD-AOZ8073 Datasheet
296Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8014 AOSMD-AOZ8014 Datasheet
254Kb / 6P
   4-Line EMI Filter with Integrated ESD Protection
logo
Alpha Industries
AOZ8043 ALPHA-AOZ8043 Datasheet
287Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF4401MN ONSEMI-NUF4401MN Datasheet
62Kb / 4P
   4 Line EMI Filter with ESD Protection
August, 2005 ??Rev. 0
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8025 AOSMD-AOZ8025 Datasheet
309Kb / 8P
   6-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com