Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8030DIL Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ8030DIL
Description  8-Line EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8030DIL Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOZ8030DIL Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8030DIL Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8030DIL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8030DIL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8030DIL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8030DIL Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8030DIL Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev. 1.8 January 2009
www.aosmd.com
Page 6 of 7
AOZ8030
Tape & Reel Dimensions, DFN 3.5 x 1.2, 16L
Carrier Tape
Reel
Back View
Section: B-B
Front View
Arbor Hole Detail A
Scale 2:1
Leader / Trailer
& Orientation
Trailer Tape
300mm Min.
Components Tape
Orientation in Pocket
Leader Tape
500mm Min.
Tape Size
12mm
Unit: mm
Reel Size
ø1800
M
ø179.0
+1.0
N
ø60.0
±0.5
W
13.0
±0.5
W1
17.0
K
10.5
±0.25
H
ø13.0
±0.2
S
1.8
(Bottom)
Feeding Direction
Package
DFN
3.5x1.2
T
0.30
±0.05
B0
3.80
±0.1
B1
3.75
±0.1
B2
4.16
A0
1.50
±0.1
A1
1.45
±0.1
A2
1.86
K0
0.75
±0.1
D0
ø1.55
±0.05
E
12.00
±0.3
E1
1.75
±0.1
E2
5.50
±0.05
P0
4.00
±0.10
P1
4.0
±0.1
P2
2.00
±0.05
UNIT: mm
B
B
T
0.15
B1
K0
B0
(B2)
(A2)
A0
0.15
A1
P1
P2
D0
E1
E
E2
P0
120
°
60
°
MN
W
2.84
2.24
W1
S
K
H


Similar Part No. - AOZ8030DIL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8033 AOSMD-AOZ8033 Datasheet
352Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8033DIL AOSMD-AOZ8033DIL Datasheet
352Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035DIL AOSMD-AOZ8035DIL Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
More results

Similar Description - AOZ8030DIL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8170 AOSMD-AOZ8170 Datasheet
350Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8070DI AOSMD-AOZ8070DI Datasheet
340Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8510 AOSMD-AOZ8510 Datasheet
383Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8530 AOSMD-AOZ8530 Datasheet
341Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8011 AOSMD-AOZ8011 Datasheet
279Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8020 AOSMD-AOZ8020 Datasheet
343Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8070 AOSMD-AOZ8070 Datasheet
340Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
Alpha Industries
AOZ8040 ALPHA-AOZ8040 Datasheet
400Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF8402MN ONSEMI-NUF8402MN Datasheet
57Kb / 4P
   8 Line EMI Filter with ESD Protection
May, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com