Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKH20240 Datasheet(PDF) 3 Page - celduc-relais

Part # SKH20240
Description  Solid State Relay for printed circuit board
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SKH20240 Datasheet(HTML) 3 Page - celduc-relais

  SKH20240 Datasheet HTML 1Page - celduc-relais SKH20240 Datasheet HTML 2Page - celduc-relais SKH20240 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
page 3 / 3 F/GB
r
e
l
a
i
s
celduc
www.celduc.com
S/MOD/SKH20240/C/3/05/2007
Surge current Itsm (A peak) = f(t)
for models with Itsm =300A
110
1
0,1
0,01
0
100
200
300
0
t (s)
Repetitive Itsm (Apeak)=f(t) with voltage reapplied for initial Tj =70
°C
No repetitive Itsm (Apeak)=f(t) without voltage reapplied
fig 3


Similar Part No. - SKH20240

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SKH20120 CELDUC-SKH20120 Datasheet
274Kb / 3P
   Solid State Relay for printed circuit board
More results

Similar Description - SKH20240

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SKH10521 CELDUC-SKH10521 Datasheet
183Kb / 3P
   Solid State Relay for printed circuit board
SKL20220 CELDUC-SKL20220 Datasheet
377Kb / 3P
   Solid State Relay for printed circuit board
SKL10121 CELDUC-SKL10121 Datasheet
209Kb / 3P
   Solid State Relay for printed circuit board
SKL10520 CELDUC-SKL10520 Datasheet
480Kb / 3P
   Solid State Relay for printed circuit board
SKL20241 CELDUC-SKL20241 Datasheet
483Kb / 3P
   Solid State Relay for printed circuit board
SKL20520 CELDUC-SKL20520 Datasheet
479Kb / 3P
   Solid State Relay for printed circuit board
SKL20740 CELDUC-SKL20740 Datasheet
524Kb / 3P
   Solid State Relay for printed circuit board
SKH20120 CELDUC-SKH20120 Datasheet
274Kb / 3P
   Solid State Relay for printed circuit board
SKL15240 CELDUC-SKL15240 Datasheet
168Kb / 3P
   Solid State Relay for printed circuit board
SKA20460 CELDUC-SKA20460 Datasheet
89Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKL10220 CELDUC-SKL10220 Datasheet
202Kb / 3P
   Solid State Relay for printed circuit board
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com