Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8007FI Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ8007FI
Description  Ultra-Low Capacitance TVS Diode Array
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8007FI Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ8007FI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8007FI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8007FI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8007FI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8007FI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8007FI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8007FI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8007FI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ8007FI Datasheet HTML 11Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Rev. 2.1 August 2008
www.aosmd.com
Page 7 of 14
AOZ8007
Figure 6. 140
Ω Differential Impedance
Max 102
Ω, Min 92Ω
Figure 7. 160
Ω Differential Impedance
Max 123
Ω, Min 109Ω
Figure 8. Differential Impedance
By adding a TVS onto the traces it can have a large
effect on the impedance of the line. This addition of a
capacitance added to a 100
Ω differential transmission
line without any compensation may decrease the
impedance as much as 20
Ω or more. Below is a formula
to calculate the length for the compensation of C(TVS).
Figure 7.
Z0 is the normal 61Ω differential impedance on the trace.
Z1 is the needed impedance to compensate for the
added C(TVS)
K is defined as the unloaded impedance of the adjusted
trace.
X is the length of the trace needed for the compensation.
τ is the propagation delay time required for a signal to
travel from one point to another. This value should be
less than 200pS.
From the above method the designer should layout the
boards with a 50
Ω common mode trace. The result
should give you approximately 100
Ω differential imped-
ance. Z1 is the impedance that you choose in order to
compensate the TVS capacitance. Based on Z1 value,
we can get the length of the segment from the above
equations. With the value of Z1 = 80Ω, Zo = 61Ω,
C(TVS) = 0.94 and τ = 180. The X(mils) equates to
580 mils.
Page 8 has a series of graph that represent changing
width and length of the trace from 50
Ω to 80Ω in
increment of 10
Ω with a MSOP-10 package solder onto
the board. As you can observe from the graphs, a small
incremental capacitance that is added to the differential
lines can significantly decrease the differential imped-
ance. Thus violated the HDMI specification of 100
Ω±15%.
140
120
100
80
60
40
20
0
50
55
60
65
70
75
80
Common Mode Impedance (
Ω)
Max.
Min.
X
Zo = 61
Zo = 61
Z1
C(TVS)
K
Z
1
Z
0
------
=
(5)
X
Z
0CTVS
τ
---------------------


K
K
2
1
----------------


=
(6)


Similar Part No. - AOZ8007FI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8000 AOSMD-AOZ8000 Datasheet
544Kb / 15P
   Ultra-Low Capacitance TVS Diode Array
AOZ8000CI AOSMD-AOZ8000CI Datasheet
121Kb / 4P
   Plastic Encapsulated Device
AOZ8000CIL AOSMD-AOZ8000CIL Datasheet
544Kb / 15P
   Ultra-Low Capacitance TVS Diode Array
AOZ8000DIL AOSMD-AOZ8000DIL Datasheet
544Kb / 15P
   Ultra-Low Capacitance TVS Diode Array
AOZ8000HI AOSMD-AOZ8000HI Datasheet
94Kb / 4P
   Plastic Encapsulated Device
More results

Similar Description - AOZ8007FI

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
   Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
   Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
   Ultra-Low Capacitance TVS Diode Array
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC15DT3 LEIDITECH-ULC15DT3 Datasheet
588Kb / 6P
   Ultra Low Capacitance TVS Diode Array
ULC0804P10 LEIDITECH-ULC0804P10 Datasheet
420Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com