Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1905DI Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AOZ1905DI
Description  EZBoost 2A General Purpose Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1905DI Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AOZ1905DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 13Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AOZ1905
Rev. 1.5 December 2008
www.aosmd.com
Page 9 of 16
quency, input and output voltage. The output ripple volt-
age calculation can be simplified to:
Output capacitor with the range of 4.7µF to 22µF ceramic
capacitor usually can meet most applications.
Diode
The output rectifier diode freewheels the inductor current
to output when the internal MOSFET is off. To reduce
losses due to diode forward voltage and reverse recov-
ery, Schottky diode is preferred in AOZ1905. The reverse
voltage of selected diode should be higher than output
voltage, the average current rating should be higher than
the maximum load current and the peak current rating
should be greater than the peak current of inductor:
Loop Compensation
The AOZ1905 employs peak current mode control for
easy use and fast transient response. Peak current mode
control eliminates the double pole effect of the output
L&C filter. It greatly simplifies the compensation loop
design.
With peak current mode control, the boost power stage
can be simplified to be a one-pole, one left plane zero
and one right half plane (RHP) system in frequency
domain. The pole is dominant pole and can be
calculated by:
The zero is a ESR zero due to output capacitor and its
ESR. It is can be calculated by:
where;
CO is the output filter capacitor,
RL is load resistor value, and
ESRCO is the equivalent series resistance of output capacitor.
The RHP zero has the effect of a zero in the gain causing
an imposed +20dB/decade on the roll off, but has the
effect of a pole in the phase, subtracting 90° in the
phase.
The RHP zero can be calculated by:
The RHP zero obviously can cause the instable issue if
the bandwidth is higher. It is recommended to design the
bandwidth to lower than the one half frequency of RHP
zero.
The compensation design is actually to shape the
converter close loop transfer function to get desired gain
and phase. Several different types of compensation
network can be used for AOZ1905. For most cases,
a series capacitor and resistor network connected to the
COMP pin sets the pole-zero and is adequate for a stable
high-bandwidth control loop.
In the AOZ1905, FB pin and COMP pin are the inverting
input and the output of internal transconductance error
amplifier. A series R and C compensation network con-
nected to COMP provides one pole and one zero. The
pole is:
where;
GEA is the error amplifier transconductance, which is 200 x 10-6
A/V,
GVEA is the error amplifier voltage gain, which is 340 V/V, and
CC is compensation capacitor.
The zero given by the external compensation network,
capacitor CC (C3 in Figure 1) and resistor RC (R3 in
Figure 1), is located at:
Choosing the suitable CC and RC by trading-off stability
and bandwidth.
Thermal Management and Layout
Consideration
In the AOZ1905 boost regulator circuit, high pulsing
current flows through two circuit loops. The first loop
starts from the input capacitors, to the filter inductor, to
the LX pin, to the internal NMOS switch, to the ground
and back to the input capacitor, when the switch turns on.
The second loop starts from input capacitor, to the filter
inductor, to the LX pin to the external diode, to the
ground and back to the input capacitor, when the switch
is off.
ΔVO
IL
1
VIN
VOUT
---------------
⎝⎠
⎜⎟
⎛⎞
fCO
×
------------------------------
×
=
ILpeak
IIN
ΔIL
2
--------
+
=
fP1
1
2
π C
O
RL
×
×
-----------------------------------
=
fZ1
1
2
π CO ESRCO
×
×
------------------------------------------------
=
fZ2
VIN 2
2
π LIO VO
×
×
×
-------------------------------------------
=
fP2
GEA
2
π CC GVEA
×
×
-------------------------------------------
=
fZ2
1
2
π CC RC
×
×
-----------------------------------
=


Similar Part No. - AOZ1905DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1915 AOSMD-AOZ1915 Datasheet
608Kb / 14P
   1.5A General Purpose Boost Regulator
AOZ1934 AOSMD-AOZ1934 Datasheet
776Kb / 14P
   High Efficiency Boost 20-, 30- LED Driver
AOZ1935 AOSMD-AOZ1935 Datasheet
776Kb / 14P
   High Efficiency Boost 20-, 30- LED Driver
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results

Similar Description - AOZ1905DI

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
   General purpose amplification (-12V, -2A)
logo
Frontier Electronics.
GP20-005-LFR FRONTIER-GP20-005-LFR Datasheet
121Kb / 2P
   2A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shindengen Electric Mfg...
D2SB60A SHINDENGEN-D2SB60A Datasheet
299Kb / 6P
   General Purpose Rectifiers(600V 2A)
logo
Rohm
2SB1730 ROHM-2SB1730 Datasheet
68Kb / 3P
   General purpose amplification(-12V, -2A)
2SB1690 ROHM-2SB1690 Datasheet
75Kb / 3P
   General purpose amplification(-12V, -2A)
logo
Frontier Electronics.
GP20-005 FRONTIER-GP20-005 Datasheet
121Kb / 2P
   2A GENERAL PURPOSE PLASTIC RECTIFIER
GP20-005R FRONTIER-GP20-005R Datasheet
121Kb / 2P
   2A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Holtek Semiconductor In...
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
   General Purpose Regulator
logo
Chip Integration Techno...
GS2A CITC-GS2A Datasheet
91Kb / 3P
   2A Surface Mount General Purpose Rectifiers
logo
Frontier Electronics.
GP20-005G FRONTIER-GP20-005G Datasheet
121Kb / 2P
   2A GENERAL PURPOSE GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com