Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1321DI-06L Datasheet(PDF) 10 Page - Alpha & Omega Semiconductors

Part # AOZ1321DI-06L
Description  Load Switch with Controlled Slew Rate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1321DI-06L Datasheet(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AOZ1321DI-06L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 14Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AOZ1321DI
Rev. 1.1 August 2008
www.aosmd.com
Page 10 of 15
Timing Diagram
Figure 1. AOZ1321 Timing Diagram
Functional Block Diagram
Figure 2. Functional Block Diagram
10%
90%
90%
VIL
VIH
EN
TD(ON)
TR
OUT
TD(OFF)
IN
OUT
EN
GND
Gate Driver &
Slew Rate
Control
AOZ1321DI
160


Similar Part No. - AOZ1321DI-06L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-01 AOSMD-AOZ1320CI-01 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-02 AOSMD-AOZ1320CI-02 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-03 AOSMD-AOZ1320CI-03 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-04 AOSMD-AOZ1320CI-04 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
More results

Similar Description - AOZ1321DI-06L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com