Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKD10306 Datasheet(PDF) 1 Page - celduc-relais

Part # SKD10306
Description  DC SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SKD10306 Datasheet(HTML) 1 Page - celduc-relais

  SKD10306 Datasheet HTML 1Page - celduc-relais SKD10306 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SKD10306
3-30 VDC input
3 A / 60 VDC output
1 +
2 -
+
-
Charge
/ Load
(*)
1 +
2 -
+ 3
- 4
7,62
12,7
±0,2
7,63
5,08
±0, 2
10,16
±0, 2
25,4
6,5
43,2
±0, 4
±0,35
±0, 5
10,2
±0,35
Ø1
TOLERANCES: ±0,3
3 +
4 -
1 +
2 -
Aplication typique/Typical application
• Range for printed circuit board
• DC Output.
• Gamme pour circuit imprimé.
• Sortie DC .
page 1 / 2 F/GB
S/MOD/SKD10306/A/29/11/1999
RELAIS STATIQUE DC POUR CIRCUIT IMPRIME
DC SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
Caractéristiques d'entrée (à 20
°C) / Input characteristics (20
°C)
Paramètre / Parameter
Symbol
Unit
Plage de tension de commande (Uc) / Input voltage range (Uc)
Uc
3-30
VDC
Tension maximum de commande / Maximum control voltage
Uc max
30
VDC
Tension minimum de commande / Minimum control voltage
Uc min
3
VDC
Courant de fonctionnement/Operating current
Ic
1
mADC
Courant maximum de commande / Maximum control current
Ic max
30
mADC
Tension de relachement/Release voltage
Uc off
1
VDC
Résistance interne / Input internal resistor
Rc
1000
Caractéristiques générales / General characteristics
Paramètre / Parameter
Unit
Température de stockage / Storage temperature
- 40 à/to +105
°C
Température de fonctionnement /Operating temperature
-40 à/to +80
°C
Tension d'isolement entrée-sortie / Input-output isolation voltage
2500
VRMS
Capacité entrée-sortie/ Input-output capacity
8pF
Poids/Weight
20
g
All
technical
characteristics
are
subject
to
change
without
previous
notice.
Caractéristiques
sujettes
à
modifications
sans
préavis.
celduc
r
e
l
a
i
s
Proud to serve you
(*)
Sur charges inductives./
On inductive loads


Similar Part No. - SKD10306

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKD100 SEMIKRON-SKD100 Datasheet
529Kb / 3P
   Power Bridge Rectifiers
SKD100/04 SEMIKRON-SKD100/04 Datasheet
529Kb / 3P
   Power Bridge Rectifiers
SKD100/08 SEMIKRON-SKD100/08 Datasheet
529Kb / 3P
   Power Bridge Rectifiers
SKD100/12 SEMIKRON-SKD100/12 Datasheet
529Kb / 3P
   Power Bridge Rectifiers
SKD100/14 SEMIKRON-SKD100/14 Datasheet
529Kb / 3P
   Power Bridge Rectifiers
More results

Similar Description - SKD10306

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SKD10120 CELDUC-SKD10120 Datasheet
75Kb / 2P
   DC SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKH10521 CELDUC-SKH10521 Datasheet
183Kb / 3P
   Solid State Relay for printed circuit board
SKL20220 CELDUC-SKL20220 Datasheet
377Kb / 3P
   Solid State Relay for printed circuit board
SKL10121 CELDUC-SKL10121 Datasheet
209Kb / 3P
   Solid State Relay for printed circuit board
SKL10520 CELDUC-SKL10520 Datasheet
480Kb / 3P
   Solid State Relay for printed circuit board
SKL20241 CELDUC-SKL20241 Datasheet
483Kb / 3P
   Solid State Relay for printed circuit board
SKL20520 CELDUC-SKL20520 Datasheet
479Kb / 3P
   Solid State Relay for printed circuit board
SKL20740 CELDUC-SKL20740 Datasheet
524Kb / 3P
   Solid State Relay for printed circuit board
SKH20120 CELDUC-SKH20120 Datasheet
274Kb / 3P
   Solid State Relay for printed circuit board
SKL15240 CELDUC-SKL15240 Datasheet
168Kb / 3P
   Solid State Relay for printed circuit board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com