Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1321DI Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ1321DI
Description  Load Switch with Controlled Slew Rate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1321DI Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ1321DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev. 1.1 August 2008
www.aosmd.com
Page 3 of 15
AOZ1321DI
Electrical Characteristics
TA = 25°C, VIN = VEN = 5V, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VEN_TH
Enable Threshold Voltage
VIN = 1.6V to 4.5V, ID = –250uA
0.3
1.2
V
IIN
Quiescent Supply Current
AOZ1321DI -02L/05L
VIN = VEN = 5.5V
13
µA
AOZ1321DI -01L/03L/04L/06L
1.6
3
IOFF
OFF State Leakage Current
VIN = +5.5V, VEN = 0V
1µA
RDS(ON)
Switch On-Resistance
VIN = 5.0V, ID = –100mA, VEN = 1.5V
60
85
m
VIN = 4.5V, ID = –100mA, VEN = 1.5V
62
90
VIN = 3.6V, ID = –100mA, VEN = 1.5V
65
95
VIN = 2.5V, ID = –100mA, VEN = 1.5V
75
120
VIN = 1.8V, ID = –100mA, VEN = 1.5V
95
180
VIN = 1.7V, ID = –100mA, VEN = 1.5V
101
195
VIN = 1.6V, ID = –100mA, VEN = 1.5V
114
223
RSHUTDOWN
Turn-Off Resistance
VIN = 3.6V, ITEST = 1mA, VEN = 0V
162
220
AOZ1321DI–05L (TR = 1µs with Output Discharge)
TD(ON)
Output Turn-on delay
VIN = 3.6V, ID = –100mA, VEN = 1.5V
1.3
2.5
µs
TR
Output Rise-time
0.5
1.7
4.0
µs
TD(OFF)
Output Turn-off delay
100
200
ns
TF
Output Fall-time
20
100
ns
AOZ1321DI–02L (TR = 1µs without Output Discharge)
TD(ON)
Output Turn-On Delay
VIN = 3.6V, ID = –100mA, VEN = 1.5V
1.3
2.5
µs
TR
Output Rise-time
0.5
1.7
4.0
µs
TD(OFF)
Output Turn-Off Delay
100
200
ns
TF
Output Fall-time
20
100
ns
AOZ1321DI–04L (TR = 800µs with Output Discharge)
TD(ON)
Output Turn-On Delay
VIN = 3.6V, ID = –100mA, VEN = 1.5V
320
700
µs
TR
Output Rise Time
500
800
1500
µs
TD(OFF)
Output Turn-Off Delay
60
200
ns
TF
Output Fall-time
20
100
ns
AOZ1321DI–01L (TR = 800µs without Output Discharge)
TD(ON)
Output Turn-On Delay
VIN = 3.6V, ID = –100mA, VEN = 1.5V
320
700
µs
TR
Output Rise Time
500
800
1500
µs
TD(OFF)
Output Turn-Off Delay
60
200
ns
TF
Output Fall-time
20
100
ns
AOZ1321DI–03L (TR = 100µs with Output Discharge)
TD(ON)
Output Turn-On Delay
VIN = 3.6V, ID = –100mA, VEN = 1.5V
120
220
µs
TR
Output Rise Time
50
100
200
µs
TD(OFF)
Output Turn-Off Delay
110
200
ns
TF
Output Fall-time
20
100
ns
AOZ1321DI–06L (TR = 100µs without Output Discharge)
TD(ON)
Output Turn-On Delay
VIN = 3.6V, ID = –100mA, VEN = 1.5V
120
220
µs
TR
Output Rise Time
50
100
200
µs
TD(OFF)
Output Turn-Off Delay
110
200
ns
TF
Output Fall-time
20
100
ns


Similar Part No. - AOZ1321DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-01 AOSMD-AOZ1320CI-01 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-02 AOSMD-AOZ1320CI-02 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-03 AOSMD-AOZ1320CI-03 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-04 AOSMD-AOZ1320CI-04 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
More results

Similar Description - AOZ1321DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com