Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-200-20-5PLXCEP-TR Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-200-20-5PLXCEP-TR
Description  SMD Quartz Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-200-20-5PLXCEP-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-200-20-5PLXCEP-TR Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSM-7X
SMD Quartz Crystal
The CSM-7X is an excellent choice for the SMD versions of the
HC-49USX leaded crystal. The CSM-7X has a case height of
4.3 mm Max in a resistance weld metal package. A package
profile of 3.2 mm Max is also available.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-7X
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR Ω
MAX ESR Ω
Height "H" MAX
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
fo
Co
Specify in P/N
Standard
@ +25°C ±3°C
at +25°C
Standard -10 to +70°C
Frequency Range
Operating Temperature
Storage Temperature
Aging (First Year)
Frequency Tolerance
Frequency Stability ref @ 25°C
Shunt Capacitance
Load Capacitance (CL)
Drive Level
3.57
10
MHz
°C
°C
pF
pF
µW
ppm
ppm
ppm
3.57 ~ 4.999
5.000 ~ 5.999
6.000 ~ 6.999
7.000 ~ 8.999
9.000 ~ 12.999
13.000 ~ 19.999
20.000 ~ 30.000
26.000 ~ 39.999
40.000 ~ 70.000
70.000
± 30
± 50
7
Series
500
-10
-55
+70
+125
±5
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd Overtone
3rd Overtone
150
80
70
60
50
40
30
100
80
4.3 mm
3.2 mm
-5PLX
-5PX
DIMENSIONS (mm)
Figure 1) Top, Side and Bottom views
Figure 2) Suggested Land Pattern
* Consult Factory for available stability
options over extended temp range.
PART NUMBERING GUIDE: Example ECS-200-20-5PX-TR
Cost effective
Low profile
Pb Free/RoHS Compliant
Tape & Reel (1,000 pcs)
ECS - Frequency Abbreviation - Load Capacitance - Package
Tolerance
*Stability
Temp Range
-
Packaging
5PX = 4.3 mm
5PLX = 3.2 mm
A= ±25 ppm
C= ±10 ppm
D= ±100 ppm
E= ±50 ppm
G= ±30 ppm
H= ±25 ppm
K= ±10 ppm
L= -10 ~ +70°C
M= -20 ~ +70°C
N= -40 ~ +85°C
P= -40 ~ +105°C
S= -40 ~ +125°C
U= -55 ~+125°C
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
TR= Tape & Reel
1K/Reel
20
Custom Options


Similar Part No. - ECS-200-20-5PLXCEP-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-200-20-5PLXCEL-TR ECS-ECS-200-20-5PLXCEL-TR Datasheet
596Kb / 2P
   The CSM-7X is an excellent choice for a low cost SMD Crystal.
More results

Similar Description - ECS-200-20-5PLXCEP-TR

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com