Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-200-S-5G3XAGS-TR Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-200-S-5G3XAGS-TR
Description  SMD CRYSTAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-200-S-5G3XAGS-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-200-S-5G3XAGS-TR Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSM-7X-3L
SMD CRYSTAL
The CSM-7X-3L is a low profile SMD Crystal with case ground
is ideal for applications that require a case ground.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-7X-3L
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR Ω
MAX ESR Ω
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
Specify in P/N
@ +25°C ±3°C
at +25°C
-10 to +70°C
Frequency Range
Operating Temperature
Storage Temperature
Aging (Per Year)
Frequency Tolerance
Frequency Stability
Shunt Capacitance
Load Capacitance
Drive Level
3.57
10
MHz
°C
°C
pF
pF
µW
ppm
ppm
ppm
3.57 ~ 4.999
5.000 ~ 5.999
6.000 ~ 6.999
7.000 ~ 8.999
9.000 ~ 12.999
13.000 ~ 19.999
20.000 ~ 30.000
30.100 ~ 39.999
40.000 ~ 70.000
70.000
± 30 *
± 50 *
7
Series
500
-10
-55
+70
+125
±5
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd Overtone
3rd Overtone
150
80
70
60
50
40
30
100
80
DIMENSIONS (mm)
Figure 1) Top, Side, and Bottom views
Rev 11/07
Figure 3) Suggested Land Pattern
Custom Options
Figure 2) Crystal Connection
PART NUMBERING GUIDE: Example ECS-200-20-5G3XDS-TR
Case Ground
Industry Std. HC-49US Package
Extended Temp Range Option
RoHS Compliant
ECS - Frequency Abbreviation - Load Capacitance - Package
Tolerance
Stability
Temp Range - Packaging
5G3X =
CSM-7X-3L
Blank = Std
A = ± 25 ppm
C = ± 10 ppm
Blank = Std
D = ± 100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
K = ± 10 ppm
Blank = Std
M = -20 ~ +70°C
N = -40 ~ +85°C
P = -40 ~ +105°C
S = -40 ~ +125°C
U = -55 ~ +125°C
TR= Tape
& Reel
1K/Reel
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
20


Similar Part No. - ECS-200-S-5G3XAGS-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-200-S-5PLXADL-TR ECS-ECS-200-S-5PLXADL-TR Datasheet
148Kb / 1P
   SMD Quartz Crystal
ECS-200-S-5PLXADL-TR ECS-ECS-200-S-5PLXADL-TR Datasheet
596Kb / 2P
   The CSM-7X is an excellent choice for a low cost SMD Crystal.
ECS-200-S-5PLXADM-TR ECS-ECS-200-S-5PLXADM-TR Datasheet
148Kb / 1P
   SMD Quartz Crystal
ECS-200-S-5PLXADN-TR ECS-ECS-200-S-5PLXADN-TR Datasheet
148Kb / 1P
   SMD Quartz Crystal
ECS-200-S-5PLXADP-TR ECS-ECS-200-S-5PLXADP-TR Datasheet
148Kb / 1P
   SMD Quartz Crystal
More results

Similar Description - ECS-200-S-5G3XAGS-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-42 ECS-ECX-42 Datasheet
112Kb / 1P
   SMD CRYSTAL
CSM-7X-DU ECS-CSM-7X-DU Datasheet
145Kb / 1P
   SMD CRYSTAL
ECX-1637 ECS-ECX-1637 Datasheet
272Kb / 2P
   SMD CRYSTAL
ECX-2236 ECS-ECX-2236 Datasheet
228Kb / 2P
   SMD CRYSTAL
ECX-2236B2 ECS-ECX-2236B2 Datasheet
1Mb / 2P
   SMD CRYSTAL
Rev.2021
CSM-7XDN ECS-CSM-7XDN Datasheet
146Kb / 1P
   SMD CRYSTAL
ECX-1637 ECS-ECX-1637_14 Datasheet
687Kb / 3P
   SMD CRYSTAL
ECX-1637Q ECS-ECX-1637Q Datasheet
604Kb / 1P
   SMD CRYSTAL
ECX-1637B2 ECS-ECX-1637B2 Datasheet
1Mb / 2P
   SMD CRYSTAL
Rev.2021
CSM-9 ECS-CSM-9 Datasheet
155Kb / 1P
   SMD CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com