Electronic Components Datasheet Search |
|
ECS-200-S-5G3XCES-TR Datasheet(PDF) 1 Page - ECS, Inc. |
|
ECS-200-S-5G3XCES-TR Datasheet(HTML) 1 Page - ECS, Inc. |
|
1 / 1 page CSM-7X-3L SMD CRYSTAL The CSM-7X-3L is a low profile SMD Crystal with case ground is ideal for applications that require a case ground. 1105 South Ridgeview Road Olathe, KS 66062 Phone: 913.782.7787 Fax: 913.782.6991 www.ecsxtal.com PARAMETERS CONDITIONS CSM-7X-3L MIN TYP FREQUENCY RANGE (MHz) FREQUENCY RANGE (MHz) MODE OF OSC MODE OF OSC MAX ESR Ω MAX ESR Ω MAX OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION UNITS Specify in P/N @ +25°C ±3°C at +25°C -10 to +70°C Frequency Range Operating Temperature Storage Temperature Aging (Per Year) Frequency Tolerance Frequency Stability Shunt Capacitance Load Capacitance Drive Level 3.57 10 MHz °C °C pF pF µW ppm ppm ppm 3.57 ~ 4.999 5.000 ~ 5.999 6.000 ~ 6.999 7.000 ~ 8.999 9.000 ~ 12.999 13.000 ~ 19.999 20.000 ~ 30.000 30.100 ~ 39.999 40.000 ~ 70.000 70.000 ± 30 * ± 50 * 7 Series 500 -10 -55 +70 +125 ±5 Fundamental Fundamental Fundamental Fundamental Fundamental Fundamental Fundamental 3rd Overtone 3rd Overtone 150 80 70 60 50 40 30 100 80 DIMENSIONS (mm) Figure 1) Top, Side, and Bottom views Rev 11/07 Figure 3) Suggested Land Pattern Custom Options Figure 2) Crystal Connection PART NUMBERING GUIDE: Example ECS-200-20-5G3XDS-TR Case Ground Industry Std. HC-49US Package Extended Temp Range Option RoHS Compliant ECS - Frequency Abbreviation - Load Capacitance - Package Tolerance Stability Temp Range - Packaging 5G3X = CSM-7X-3L Blank = Std A = ± 25 ppm C = ± 10 ppm Blank = Std D = ± 100 ppm E = ± 50 ppm G = ± 30 ppm H = ± 25 ppm K = ± 10 ppm Blank = Std M = -20 ~ +70°C N = -40 ~ +85°C P = -40 ~ +105°C S = -40 ~ +125°C U = -55 ~ +125°C TR= Tape & Reel 1K/Reel 200 = 20.000 MHz See P/N Guide 20 =20 pF S=Series 20 |
Similar Part No. - ECS-200-S-5G3XCES-TR |
|
Similar Description - ECS-200-S-5G3XCES-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |