Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT10N60 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOT10N60
Description  600V, 10A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT10N60 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOT10N60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT10N60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT10N60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT10N60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT10N60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT10N60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
AOTF10N60
VDS
VGS
10*
6.4*
IDM
IAR
EAR
EAS
dv/dt
50
0.4
TJ, TSTG
TL
Symbol
AOTF10N60
RθJA
65
RθCS
-
RθJC
2.5
* Drain current limited by maximum junction temperature.
1.7
A
mJ
mJ
208
Single pulsed avalanche energy
G
580
Pulsed Drain Current
C
290
Avalanche Current
C
4.4
Repetitive avalanche energy
C
Continuous Drain
Current
B
Units
Parameter
TC=25°C
TC=100°C
V
V
A
ID
Gate-Source Voltage
Drain-Source Voltage
600
Absolute Maximum Ratings TA=25°C unless otherwise noted
AOT10N60
Derate above 25
oC
Power Dissipation
B
TC=25°C
°C/W
Thermal Characteristics
Units
°C/W
PD
°C
-50 to 150
°C/W
Peak diode recovery dv/dt
5
V/ns
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
300
°C
W
W/
oC
Junction and Storage Temperature Range
10
6.4
±30
36
Parameter
AOT10N60
Maximum Junction-to-Ambient
A
65
Maximum Case-to-Sink
A
0.5
Maximum Junction-to-Case
D,F
0.6
AOT10N60 / AOTF10N60
600V, 10A N-Channel MOSFET
formerly engineering part number AOT9608/AOTF9608
Features
VDS (V) = 700V @ 150°C
ID = 10A
RDS(ON) < 0.75 Ω (VGS = 10V)
100% UIS Tested!
100% R g Tested!
C iss , C oss , C rss Tested!
General Description
The AOT10N60 & AOTF10N60 have been fabricated
using an advanced high voltage MOSFET process
that is designed to deliver high levels of performance
and robustness in popular AC-DC applications.
By providing low RDS(on), Ciss and Crss along with
guaranteed avalanche capability these parts can be
adopted quickly into new and existing offline power
supply designs.
Top View
G
D
S
TO-220F
TO-220
G
D
S
G
D
S
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOT10N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT10N60 AOSMD-AOT10N60 Datasheet
264Kb / 6P
   600V,10A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOT10N60 VBSEMI-AOT10N60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
AOT10N60 ISC-AOT10N60 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT10N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB10N60 AOSMD-AOB10N60 Datasheet
264Kb / 6P
   600V,10A N-Channel MOSFET
AOW10T60P AOSMD-AOW10T60P Datasheet
539Kb / 6P
   600V,10A N-Channel MOSFET
AOB10T60P AOSMD-AOB10T60P Datasheet
498Kb / 7P
   600V,10A N-Channel MOSFET
AOW10N60 AOSMD-AOW10N60 Datasheet
251Kb / 6P
   600V,10A N-Channel MOSFET
AOW10T60 AOSMD-AOW10T60 Datasheet
255Kb / 6P
   600V,10A N-Channel MOSFET
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
10N60K UTC-10N60K Datasheet
178Kb / 6P
   10A, 600V N-CHANNEL POWER MOSFET
10N60 UTC-10N60_12 Datasheet
398Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
10N60Z UTC-10N60Z Datasheet
404Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com