Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7704L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON7704L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7704L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON7704L Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7704L Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7704L Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7704L Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
30
40
60
75
RθJC
4.5
5.5
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
°C/W
Maximum Junction-to-Case
D
Steady-State
Continuous Drain
Current
B
TA=25°C
IDSM
TA=25°C
PDSM
TC=25°C
Maximum Junction-to-Ambient
A
Steady-State
Power Dissipation
A
V
±20
Gate-Source Voltage
Drain-Source Voltage
ID
Pulsed Drain Current
C
7.5
14
14
50
TA=70°C
3.1
2
10
A
Continuous Drain
Current
B,G
Maximum
Units
Parameter
TC=25°C
TC=100°C
30
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
Junction and Storage Temperature Range
PD
°C
35
14
-55 to 150
TC=100°C
TA=70°C
Power Dissipation
B
W
AON7704
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 30V
ID = 10A
(VGS = 10V)
RDS(ON) < 20mΩ (VGS = 10V)
RDS(ON) < 31mΩ (VGS = 4.5V)
General Description
SRFET
TM AON7704/L uses advanced trench technology with
a monolithically integrated Schottky diode to provide excellent
RDS(ON),and low gate charge.
This device is suitable for use as a low side FET in SMPS,
load switching and general purpose applications.
- RoHS Compliant.
- Halogen Free
SRFET TM
G
S
D
SRFET
TM
S
oft Recovery MOSFET:
Integrated Schottky Diode
G
S
S
S
D
D
D
D
DFN 3x3
Top View
Bottom View
Pin 1
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AON7704L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7700 AOSMD-AON7700 Datasheet
214Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AON7700 AOSMD-AON7700 Datasheet
301Kb / 7P
   30V N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AON7700 DOINGTER-AON7700 Datasheet
472Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Alpha & Omega Semicondu...
AON7700L AOSMD-AON7700L Datasheet
214Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AON7700 AOSMD-AON7700_12 Datasheet
301Kb / 7P
   30V N-Channel MOSFET
More results

Similar Description - AON7704L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com