Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-1000B Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-1000B
Description  CLOCK OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-1000B Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-1000B Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
35
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
OSCILLATORS
OSCILLATORS
* Inclusive of 25˚C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
** An internal pullup resistor from pin 1 to pin 14 allows active output if pin 1 is left open.
The ECS-1000 Series clock oscillator can
drive both HCMOS and TTL logic. This
oscillator also features tri-state enable/disable
capabilities in a 14 pin DIP package.
FEATURES
• 50pF HCMOS/ TTL logic
• Tri-State enable/disable
• Wide frequency range
• Resistance weld package
• 3.3V operation (optional)
ECS-1000 SERIES
CLOCK OSCILLATOR
PART NUMBERING GUIDE
PART NUMBER *
FREQUENCY STABILITY
ECS-1000A
±100 PPM
ECS-1000B
±50 PPM
ECS-1000C
±25 PPM
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
* Complete part number to include frequency. i.e. ECS-1000A-100 (100 = 10.000MHz)
PACKAGE DIMENSIONS (mm)
PARAMETERS
FREQUENCY RANGE
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE (fo)
1.000 ~ 100.000
1.000
100.000
MHz
OPERATING TEMP. RANGE (TOPR)
1.000 ~ 100.000
0
+70
˚C
STORAGE TEMP. RANGE (TSTG)
1.000 ~ 100.000
-55
+125
˚C
FREQUENCY STABILITY
1.000 ~ 100.000
All conditions*
-100
+100
PPM
1.000 ~ 25.000
17
25
mA
25.000 ~ 50.000
33
40
mA
50.000 ~ 80.000
45
77
mA
INPUT CURRENT (IDD)
80.000 ~ 100.000
67
82
mA
1.000 ~ 80.000
50% VDD level
45
50 ±3
55
%
OUTPUT SYMMETRY
80.000 ~ 100.000
50% VDD level
40
50 ±3
60
%
RISE TIME (TR)
1.000 ~ 100.000
10% ~ 90% VDD level
5
nS
FALL TIME (TF)
1.000 ~ 100.000
90% ~ 10% VDD level
5
nS
1.000 ~ 100.000
IOL = 16 mA
0.5
V
OUTPUT VOLTAGE
(VOH)
1.000 ~ 100.000
IOH = -16 mA
4.5
V
1.000 ~ 100.000
VOL = 0.5 V
16
mA
OUTPUT CURRENT
(IOH)
1.000 ~ 100.000
VOH = 4.5 V
-16
mA
1.000 ~ 100.000
TTL
10
TTL
1.000 ~ 80.000
HCMOS
50
pF
OUTPUT LOAD
80.000 ~ 100.000
HCMOS
30
pF
START-UP TIME (TS)
1.000 ~ 100.000
10
mS
SUPPLY VOLTAGE
+5.0 ±0.25
V
(VOL)
(IOL)
0.45
12.2
17
14
8
20.7 max
15.24
Figure 1) ECS-1000 Series – Top, Bottom
and Side views
Figure 2) TTL Output Wave Form
Figure 3) HCMOS Output Wave Form
0.5Vcc
A
0.1Vcc (10%)
0.9Vcc (90%)
H
L
TR
TF
B
D.R=
A
A+B
1.4V
A
0.4V
2.4V
H
L
TR
TF
B
D.R=
A
A+B
PIN CONNECTIONS
#1
TRI-STATE
#7
CASE GROUND
#8
OUTPUT
#14
+5V DC
ENABLE / DISABLE FUNCTION**
INH (PIN 1)
OUTPUT (PIN 8)
OPEN**
ACTIVE
1 LEVEL VIH
≥ 2.2 V
(VIH
≥ 2.0 V
ABOVE 70MHz)
ACTIVE
‘0’ LEVEL VIL
≤ 0.8 V
HIGH Z


Similar Part No. - ECS-1000B

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-1000BX ECS-ECS-1000BX Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results

Similar Description - ECS-1000B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com