Electronic Components Datasheet Search |
|
ECS-300CX-163.8 Datasheet(PDF) 1 Page - ECS, Inc. |
|
ECS-300CX-163.8 Datasheet(HTML) 1 Page - ECS, Inc. |
|
1 / 1 page ECS-300CX DUAL OUTPUT CMOS CLOCK OSCILLATOR The ECS-300CX utilizes a built in divider circuit to provide a second divided output. The CMOS based oscillator features low current consumption in a standard 8-pin DIP package. 1105 South Ridgeview Road Olathe, KS 66062 Phone: 913.782.7787 Fax: 913.782.6991 www.ecsxtal.com PARAMETERS CONDITIONS ECS-300CX MIN TYP MAX OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS POSSIBLE FREQUENCY DIVISIONS BY PART NUMBER UNITS CMOS VOH VOL Primary Output Primary Output All Conditions Vcc Divided Output Divided Output Startup time Output Voltage Input Current Frequency Range Operating Temperature Storage Temperature Input Voltage Frequency Stability * Output Symmetry Rise and Fall Times Output Load 12.000 0.048875 -55 -10 +3.0 Vcc x 0.9 Vcc x 0.1 MHz MHz °C °C VDC ppm mA % % ns VDC VDC pF ms 24.000 12.000 +70 +125 +5.5 ± 100 20 60/40 52/48 48/52 40/60 15 50 1.5 DIMENSIONS (mm) * Note: Inclusive of 25°C tolerance, operating temperature,input voltage change, load change, shock and vibration. Figure 1) Top, Side and End views Figure 2) Block Diagram PART NUMBERING GUIDE: Example ECS-300CX-120 Output Input Pin Connections AVAILABLE PART NUMBERS ECS PART NUMBER fo CLOCK Pin 1 fo/2ⁿ (Divided Output) PIN 2 ½ * 1 ½ * 2 ½ * 3 ½ * 4 ½ * 5 ½ * 6 ½ * 7 ½ * 8 Pin 2(Divided Output) fo ½ * 1 clock fo ½ * 2 clock fo ½ * 3 clock fo ½ * 4 clock fo ½ * 5 clock fo ½ * 6 clock fo ½ * 7 clock fo ½ * clock fo clock fo clock fo clock fo clock fo clock fo clock fo clock fo clock L L Pin 1(Primary Output) #1 #2 #3 #4 #5 #6 #7 #8 ECS-300CX-120 ECS-300CX-160 ECS-300CX-240 12.000 MHz 16.000 MHz 24.000 MHz 6.000 MHz 8.000 MHz 12.000 MHz 3.000 MHz 4.000 MHz 6.000 MHz 1.500 MHz 2.000 MHz 3.000 MHz 750 KHz 1.000 MHz 1.500 MHz 750 KHz 375 KHz 187.5 KHz 93.75 KHz 500 KHz 250 KHz 125 KHz 62.5 KHz 375 KHz 187.5 KHz 93.75 KHz 46.875 KHz Low current consumption Built in divider circuit 8-pin DIP Package Pb Free/RoHS Compliant ECS - Series - Frequency Abbreviation 300CX 120 = 12.000 MHz ST Divider Selection A L L L L L L L L L L L L L H H H H H H H H H H H H H H H H H H H B C X X Output Divided Output Standby Ground VCC ECS P/N ECS-300CX-120 ECS-300CX-128 ECS-300CX-143 ECS-300CX-160 ECS-300CX-163.8 ECS-300CX-184 ECS-300CX-200 ECS-300CX-240 Primary Frequency 12.000 MHz 12.800 MHz 14.31818 MHz 16.000 MHz 16.384 MHz 18.432 MHz 20.000 MHz 24.000 MHz +5.0 A (Divider selection) B (Divider selection) C (Divider selection) X H |
Similar Part No. - ECS-300CX-163.8 |
|
Similar Description - ECS-300CX-163.8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |