Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-300CX-240 Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-300CX-240
Description  DUAL OUTPUT CMOS CLOCK OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-300CX-240 Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-300CX-240 Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECS-300CX
DUAL OUTPUT CMOS CLOCK OSCILLATOR
The ECS-300CX utilizes a built in divider circuit to provide
a second divided output. The CMOS based oscillator
features low current consumption in a standard 8-pin
DIP package.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECS-300CX
MIN
TYP
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
POSSIBLE FREQUENCY DIVISIONS BY PART NUMBER
UNITS
CMOS
VOH
VOL
Primary Output
Primary Output
All Conditions
Vcc
Divided Output
Divided Output
Startup time
Output Voltage
Input Current
Frequency Range
Operating Temperature
Storage Temperature
Input Voltage
Frequency Stability *
Output Symmetry
Rise and Fall Times
Output Load
12.000
0.048875
-55
-10
+3.0
Vcc x 0.9
Vcc x 0.1
MHz
MHz
°C
°C
VDC
ppm
mA
%
%
ns
VDC
VDC
pF
ms
24.000
12.000
+70
+125
+5.5
± 100
20
60/40
52/48
48/52
40/60
15
50
1.5
DIMENSIONS (mm)
* Note: Inclusive of 25°C tolerance, operating temperature,input voltage change, load change, shock and vibration.
Figure 1) Top, Side and End views
Figure 2) Block Diagram
PART NUMBERING GUIDE: Example ECS-300CX-120
Output
Input
Pin Connections
AVAILABLE PART NUMBERS
ECS PART NUMBER
fo CLOCK Pin 1
fo/2ⁿ (Divided Output) PIN 2
½ * 1
½ * 2
½ * 3
½ * 4
½ * 5
½ * 6
½ * 7
½ * 8
Pin 2(Divided Output)
fo ½ * 1 clock
fo ½ * 2 clock
fo ½ * 3 clock
fo ½ * 4 clock
fo ½ * 5 clock
fo ½ * 6 clock
fo ½ * 7 clock
fo ½ * clock
fo clock
fo clock
fo clock
fo clock
fo clock
fo clock
fo clock
fo clock
L
L
Pin 1(Primary Output)
#1
#2
#3
#4
#5
#6
#7
#8
ECS-300CX-120
ECS-300CX-160
ECS-300CX-240
12.000 MHz
16.000 MHz
24.000 MHz
6.000 MHz
8.000 MHz
12.000 MHz
3.000 MHz
4.000 MHz
6.000 MHz
1.500 MHz
2.000 MHz
3.000 MHz
750 KHz
1.000 MHz
1.500 MHz
750 KHz
375 KHz
187.5 KHz
93.75 KHz
500 KHz
250 KHz
125 KHz
62.5 KHz
375 KHz
187.5 KHz
93.75 KHz
46.875 KHz
Low current consumption
Built in divider circuit
8-pin DIP Package
Pb Free/RoHS Compliant
ECS -
Series
- Frequency Abbreviation
300CX
120 = 12.000 MHz
ST
Divider Selection
A
L
L
L
L
L
L
L
L
L
L
L
L
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
B
C
X
X
Output
Divided Output
Standby
Ground
VCC
ECS P/N
ECS-300CX-120
ECS-300CX-128
ECS-300CX-143
ECS-300CX-160
ECS-300CX-163.8
ECS-300CX-184
ECS-300CX-200
ECS-300CX-240
Primary Frequency
12.000 MHz
12.800 MHz
14.31818 MHz
16.000 MHz
16.384 MHz
18.432 MHz
20.000 MHz
24.000 MHz
+5.0
A (Divider selection)
B (Divider selection)
C (Divider selection)
X
H


Similar Part No. - ECS-300CX-240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300C-120 ECS-ECS-300C-120 Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300C-160 ECS-ECS-300C-160 Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300C-240 ECS-ECS-300C-240 Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
More results

Similar Description - ECS-300CX-240

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD7T PLETRONICS-FD7T Datasheet
296Kb / 19P
   Multi-Output CMOS Clock Oscillator
logo
List of Unclassifed Man...
DF1114 ETC1-DF1114 Datasheet
115Kb / 1P
   DUAL OUTPUT CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com