Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-96SMF45A30 Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-96SMF45A30
Description  SMD MONOLITHIC CRYSTAL FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-96SMF45A30 Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-96SMF45A30 Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
77
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CRYSTAL FILTERS
CRYSTAL FILTERS
7.0
± 0.2
4.6
1.2
1.0
#1
#6
#2
#5
#4
#3
5.60
2.0
ECS delivers pure filtering versatility with
the ECS-96SMF Series monolithic crystal
filter. This low profile SMD filter addresses
a broad range of applications including
wide/narrow band filters for mobile, UHF
and cordless telephone applications.
FEATURES
• Low profile of 1.5 mm maximum height
• Industry standard footprint
• Sharp cut-off characteristics
• RoHS Compliant (Pb Free)
• Tape & Reel (1,000 pcs)
ECS-96SMF SERIES
SMD MONOLITHIC CRYSTAL FILTER
PART NUMBERING GUIDE
PART NUMBER
FREQUENCY
ECS-96SMF21A15
21.40000 MHz
ECS-96SMF29A20
29.25000 MHz
ECS-96SMF45A30
45.00000 MHz
ECS-96SMF109A24
109.65000 MHz
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PACKAGE DIMENSIONS (mm)
PARAMETERS
ECS-96SMF21A15
ECS-96SMF29A20
ECS-96SMF45A30
ECS-96SMF109A24
UNITS
NOMINAL FREQUENCY
21.40000
29.25000
45.00000
109.65000
MHz
OSCILLATION MODE
Fundamental
Fundamental
Fundamental
3rd Overtone
3 db PASSBAND WIDTH
±7.5KHz min.
±10KHz min.
±15KHz min.
±12KHz min.
KHz
STOPBAND WIDTH
±25KHz max./10db
±25KHz max./10db
±60KHz max./15db
±60KHz max./18db
KHz/db
RIPPLE
1.0db max.
1.0db max.
1.0db max.
1.0db max.
db
INSERTION LOSS
2.5db max.
1.5db max.
3.0db max.
3.0db max.
db
ATTENUATION GUAR. (fo-910KHz)
65db min.
70db min.
70db min.
65db min.
db
TERMINATING IMPEDANCE
1500
Ω//2.5pF
1800
Ω//1.5pF
1200
Ω//1.8pF
1500
Ω//-1.2pF
Ω//pF
OPERATING TEMP. RANGE
-30 ~ +85
-30 ~ +85
-30 ~ +85
-30 ~ +85
˚C
NUMBER OF POLES
2
2
2
2
Figure 1) ECS-96SMF - Top and Side views
Figure 2) ECS-96SMF Pad Layout - Bottom view
Figure 3) ECS-96SMF Land Pattern
PIN CONNECTIONS
#1
IN/OUT
#2
GND
#3
GND
#4
OUT/IN
#5
GND
#6
GND


Similar Part No. - ECS-96SMF45A30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-96SMF45A30 ETC1-ECS-96SMF45A30 Datasheet
74Kb / 1P
   SMD MONOLITHIC CRYSTAL FILTER
logo
ECS, Inc.
ECS-96SMF45A30 ECS-ECS-96SMF45A30 Datasheet
161Kb / 1P
   SMD CRYSTAL FILTER
ECS-96SMF45A30 ECS-ECS-96SMF45A30 Datasheet
187Kb / 1P
   SMD CRYSTAL FILTER
More results

Similar Description - ECS-96SMF45A30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-96SMF ETC1-ECS-96SMF Datasheet
74Kb / 1P
   SMD MONOLITHIC CRYSTAL FILTER
logo
MTRONPTI
XF9402R MTRONPTI-XF9402R Datasheet
148Kb / 1P
   SMD Monolithic Crystal Filter
logo
Transko Electronics, In...
MCF5070A TRANSKO-MCF5070A Datasheet
400Kb / 1P
   SMD MONOLITHIC CRYSTAL FILTER
Rev. 2: Dec. 2014
MCF5070B TRANSKO-MCF5070B Datasheet
502Kb / 1P
   SMD MONOLITHIC CRYSTAL FILTER
Rev.2: Dec. 2014
MCF5070C TRANSKO-MCF5070C Datasheet
446Kb / 1P
   SMD MONOLITHIC CRYSTAL FILTER
Ver. 1: Dec. 2014
MCF38A TRANSKO-MCF38A Datasheet
367Kb / 1P
   SMD MONOLITHIC CRYSTAL FILTER
Ver. 1: Dec. 2014
logo
TEMEX
QEFS45M0B7.5 TEMEX-QEFS45M0B7.5 Datasheet
373Kb / 4P
   SMD Monolithic Crystal Filter - 45.000 MHz
QEFS45M0B15 TEMEX-QEFS45M0B15 Datasheet
411Kb / 4P
   SMD Monolithic Crystal Filter - 45.000 MHz
QEFS21M4B15 TEMEX-QEFS21M4B15 Datasheet
426Kb / 4P
   SMD Monolithic Crystal Filter - 21.400 MHz
QEFS45M0B30 TEMEX-QEFS45M0B30 Datasheet
392Kb / 4P
   SMD Monolithic Crystal Filter - 45.000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com