Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGD25100 Datasheet(PDF) 3 Page - celduc-relais

Part # SGD25100
Description  DC SOLID STATE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SGD25100 Datasheet(HTML) 3 Page - celduc-relais

  SGD25100 Datasheet HTML 1Page - celduc-relais SGD25100 Datasheet HTML 2Page - celduc-relais SGD25100 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S/CON/SGDxxxxx/A/14/03/2000
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 3 / 3 F/GB
3
1
2
4
5
+
-
S
-
+
+V
+V+10VMIN
0V
M
SGD for loads connected to 0V
That needs two supplies.
1
SGD
3
1
2
4
5
+
-
S
-
+
3
1
2
4
5
+
-
S
-
+
3
1
2
4
5
+
-
S
-
+
3
1
2
4
5
+
-
S
-
+
+V
+V+10VMIN
0V
M
SGD for DC motor reverser.
That needs two supplies.
sens 1 : control 1 et 3
sens 2 : control 2 et 4
Never control 1+2 or 3+4
1
2
3
4
SGD
SGD
SGD
SGD
SGD avec charge à la
masse /
SGD with load connec-
ted to the 0V
4 SGD pour inverseur de
sens de moteur
4 SGD for motor reverser


Similar Part No. - SGD25100

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SGD TEC-SGD Datasheet
943Kb / 4P
   Cable Actuated Sensor
logo
Sanyo Semicon Device
SGD-100 SANYO-SGD-100 Datasheet
26Kb / 2P
   C to X Band, Mixer, Modulator Applications
SGD-100T SANYO-SGD-100T Datasheet
24Kb / 2P
   C to X Band, Mixer, Modulator Applications
logo
Infineon Technologies A...
SGD02N120 INFINEON-SGD02N120 Datasheet
382Kb / 13P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.3 Sep. 07
SGD02N120 INFINEON-SGD02N120 Datasheet
386Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
More results

Similar Description - SGD25100

ManufacturerPart #DatasheetDescription
logo
celduc-relais
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
   DC Solid State Relay
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
   DC Solid-State Relay
logo
celduc-relais
SPD03505 CELDUC-SPD03505 Datasheet
73Kb / 2P
   DC Solid State Relay
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
   DC Solid State Relay
STD03505 CELDUC-STD03505 Datasheet
74Kb / 2P
   DC Solid State Relay
SCC10506 CELDUC-SCC10506 Datasheet
263Kb / 2P
   DC Solid State Relay
STD03205 CELDUC-STD03205 Datasheet
73Kb / 2P
   DC Solid State Relay
STD07205 CELDUC-STD07205 Datasheet
647Kb / 2P
   DC Solid State Relay
SCC11520 CELDUC-SCC11520 Datasheet
263Kb / 2P
   DC Solid State Relay
SGC CELDUC-SGC Datasheet
94Kb / 2P
   DC SOLID STATE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com