Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2050HVCS6-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2050HVCS6-TRPBF
Description  Zero-Drift Operational Amplifi ers in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050HVCS6-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2050HVCS6-TRPBF Datasheet HTML 6Page - Linear Technology LTC2050HVCS6-TRPBF Datasheet HTML 7Page - Linear Technology LTC2050HVCS6-TRPBF Datasheet HTML 8Page - Linear Technology LTC2050HVCS6-TRPBF Datasheet HTML 9Page - Linear Technology LTC2050HVCS6-TRPBF Datasheet HTML 10Page - Linear Technology LTC2050HVCS6-TRPBF Datasheet HTML 11Page - Linear Technology LTC2050HVCS6-TRPBF Datasheet HTML 12Page - Linear Technology LTC2050HVCS6-TRPBF Datasheet HTML 13Page - Linear Technology LTC2050HVCS6-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC2050/LTC2050HV
10
2050fb
multiplied by the closed loop gain of the op amp. To reduce
this form of clock feedthrough, use smaller valued gain
setting resistors and minimize the source resistance at the
input. If the resistance seen at the inputs is less than 10k,
this form of clock feedthrough is less than 1μVRMS input
referred at 7.5kHz, or less than the amount of residue clock
feedthrough from the first form described above.
Placing a capacitor across the feedback resistor reduces
either form of clock feedthrough by limiting the bandwidth
of the closed loop gain.
Input bias current is defined as the DC current into the
input pins of the op amp. The same current spikes that
cause the second form of clock feedthrough described
above, when averaged, dominate the DC input bias current
of the op amp below 70°C.
At temperatures above 70°C, the leakage of the ESD
protection diodes on the inputs increases the input bias
currents of both inputs in the positive direction, while
the current caused by the charge injection stays rela-
tively constant. At elevated temperatures (above 85°C) the
leakage current begins to dominate and both the negative
and positive pin’s input bias currents are in the positive
direction (into the pins).
Input Pins, ESD Sensitivity
ESD voltages above 700V on the input pins of the op amp
will cause the input bias currents to increase (more DC
current into the pins). At these voltages, it is possible to
damage the device to a point where the input bias current
exceeds the maximums specified in this data sheet.
Shutdown
The LTC2050 includes a shutdown pin in the 6-lead SOT-23
and the SO-8 version. When this active low pin is high or
allowed to float, the device operates normally. When the
shutdown pin is pulled low, the device enters shutdown
mode; supply current drops to 3μA, all clocking stops, and
both inputs and output assume a high impedance state.
Clock Feedthrough, Input Bias Current
The LTC2050 uses auto-zeroing circuitry to achieve an
almost zero DC offset over temperature, common mode
voltage, and power supply voltage. The frequency of the
clock used for auto-zeroing is typically 7.5kHz. The term
clock feedthrough is broadly used to indicate visibility of
this clock frequency in the op amp output spectrum. There
are typically two types of clock feedthrough in auto zeroed
op amps like the LTC2050.
The first form of clock feedthrough is caused by the settling
of the internal sampling capacitor and is input referred;
that is, it is multiplied by the closed loop gain of the op
amp. This form of clock feedthrough is independent of the
magnitude of the input source resistance or the magnitude
of the gain setting resistors. The LTC2050 has a residue
clock feedthrough of less then 1μVRMS input referred
at 7.5kHz.
The second form of clock feedthrough is caused by the
small amount of charge injection occurring during the
sampling and holding of the op amp’s input offset voltage.
The current spikes are multiplied by the impedance seen at
the input terminals of the op amp, appearing at the output
APPLICATIONS INFORMATION


Similar Part No. - LTC2050HVCS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050HV LINER-LTC2050HV Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
logo
Analog Devices
LTC2050HV AD-LTC2050HV Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
logo
Linear Technology
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
More results

Similar Description - LTC2050HVCS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
LTC2050 LINER-LTC2050 Datasheet
120Kb / 4P
   Zero-Drift Operational Amplifier in SOT-23
LTC2050 LINER-LTC2050_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
   Ultra-Fast Operational Amplifi ers
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
   Ultra-Fast, Wideband Operational Amplifi ers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com