Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2050CS6-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2050CS6-TRPBF
Description  Zero-Drift Operational Amplifi ers in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050CS6-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2050CS6-TRPBF Datasheet HTML 3Page - Linear Technology LTC2050CS6-TRPBF Datasheet HTML 4Page - Linear Technology LTC2050CS6-TRPBF Datasheet HTML 5Page - Linear Technology LTC2050CS6-TRPBF Datasheet HTML 6Page - Linear Technology LTC2050CS6-TRPBF Datasheet HTML 7Page - Linear Technology LTC2050CS6-TRPBF Datasheet HTML 8Page - Linear Technology LTC2050CS6-TRPBF Datasheet HTML 9Page - Linear Technology LTC2050CS6-TRPBF Datasheet HTML 10Page - Linear Technology LTC2050CS6-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2050/LTC2050HV
7
2050fb
TYPICAL PERFORMANCE CHARACTERISTICS
Common Mode Rejection Ratio
vs Frequency
DC CMRR vs Common Mode Input
Voltage
PSRR vs Frequency
Output Voltage Swing vs Load
Resistance
Output Swing vs Output Current
Output Swing vs Load Resistance
±5V Supply
Output Swing vs Output Current
±5V Supply
Gain/Phase vs Frequency
Bias Current vs Temperature
FREQUENCY (Hz)
20
40
80
120
140
1
100
1k
100k
2050 G01
0
10
10k
60
100
VS = 3V OR 5V
VCM = 0.5VP-P
VCM (V)
20
40
80
120
140
13
4
0
2050 G02
0
25
60
100
VS = 3V
VS = 5V
TA = 25°C
FREQUENCY (Hz)
10
120
100
80
60
40
20
0
100
1k
10k
100k
2050 G14
1M
–PSRR
+PSRR
OUTPUT CURRENT (mA)
0.01
2
3
4
5
0.1
1
10
2050 G04
1
0
6
VS = 5V
VS = 3V
FREQUENCY (Hz)
0
20
40
60
100
100
1k
100k
1M
10M
2050 G05
–20
–40
10k
80
180
160
140
120
100
200
80
GAIN
PHASE
VS = 3V OR 5V
CL = 35pF
RL = 10kΩ
TEMPERATURE (°C)
–25
10
1
100
10k
1k
100
75
2050 G06
–50
125
50
025
VS = 3V
VS = 5V
LOAD RESISTANCE (kΩ)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
8
2050 G16
2
4
6
10
RL TO GND
OUTPUT CURRENT (mA)
0.01
5
4
3
2
1
0
–1
–2
–3
–4
–5
2050 G17
0.1
10
1.0
RL TO GND
LOAD RESISTANCE (kΩ)
0
6
5
4
3
2
1
0
2
4
2050 G03
6
8
10
RL TO GND
VS = 5V
VS = 3V


Similar Part No. - LTC2050CS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050CS6 LINER-LTC2050CS6 Datasheet
120Kb / 4P
   Zero-Drift Operational Amplifier in SOT-23
More results

Similar Description - LTC2050CS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
LTC2050 LINER-LTC2050 Datasheet
120Kb / 4P
   Zero-Drift Operational Amplifier in SOT-23
LTC2050 LINER-LTC2050_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
   Ultra-Fast Operational Amplifi ers
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
   Ultra-Fast, Wideband Operational Amplifi ers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com