Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPS10Z-A3N-008 Datasheet(PDF) 4 Page - Emerson Network Power

Part # HPS10Z-A3N-008
Description  HPS10/12/15 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS10Z-A3N-008 Datasheet(HTML) 4 Page - Emerson Network Power

  HPS10Z-A3N-008 Datasheet HTML 1Page - Emerson Network Power HPS10Z-A3N-008 Datasheet HTML 2Page - Emerson Network Power HPS10Z-A3N-008 Datasheet HTML 3Page - Emerson Network Power HPS10Z-A3N-008 Datasheet HTML 4Page - Emerson Network Power HPS10Z-A3N-008 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
155
www.astecpower.com
HPR3 Rack
J20
J21
J22
AC Cord: Qualtek Electronics or
Equivalent
Part Number: 227003-01
AWG: 12
Rating(A): 20A
Cord Type: SJT
NEMA Plug Type: 5-20P
IEC Connector Type: C-19


Similar Part No. - HPS10Z-A3N-008

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
logo
Chip Quik Inc.
HPS10C CHIPQUIK-HPS10C Datasheet
192Kb / 1P
   High Performance Silicone 100% RTV Silicone (Clear) 10.2oz Cartridge
revision 1.1
HPS10C-20G CHIPQUIK-HPS10C-20G Datasheet
195Kb / 1P
   High Performance Silicone 100% RTV Silicone (Clear) 20g (0.7oz) Squeeze Tube
revision 1.1
logo
Astec America, Inc
HPS10Q-N3N000 ASTEC-HPS10Q-N3N000 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
HPS10Q-N3N001 ASTEC-HPS10Q-N3N001 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
More results

Similar Description - HPS10Z-A3N-008

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
logo
XP Power Limited
JCG1512S12 XPPOWER-JCG1512S12 Datasheet
131Kb / 2P
   12/15 Watts JCG Series
logo
Lite-On Technology Corp...
PA-1650-58 LITEON-PA-1650-58 Datasheet
390Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
PA-1450-50 LITEON-PA-1450-50 Datasheet
412Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
logo
AAEON Technology
OMNI-315M AAEON-OMNI-315M Datasheet
495Kb / 2P
   15” Touch Display Monitor, DC 12~30V
logo
Analog Devices
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
logo
WAGO Kontakttechnik Gmb...
756-3201-120-150 WAGO-756-3201-120-150 Datasheet
100Kb / 3P
   Connecting cable; 12-pole; Length: 15 m
logo
Analog Devices
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com