Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1998CS6-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1998CS6-TRPBF
Description  2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998CS6-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1998CS6-TRPBF Datasheet HTML 4Page - Linear Technology LTC1998CS6-TRPBF Datasheet HTML 5Page - Linear Technology LTC1998CS6-TRPBF Datasheet HTML 6Page - Linear Technology LTC1998CS6-TRPBF Datasheet HTML 7Page - Linear Technology LTC1998CS6-TRPBF Datasheet HTML 8Page - Linear Technology LTC1998CS6-TRPBF Datasheet HTML 9Page - Linear Technology LTC1998CS6-TRPBF Datasheet HTML 10Page - Linear Technology LTC1998CS6-TRPBF Datasheet HTML 11Page - Linear Technology LTC1998CS6-TRPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC1998
8
1998fa
APPLICATIONS INFORMATION
LOW BATTERY THRESHOLD VOLTAGE AND
HYSTERESIS ADJUST
Low Battery Threshold Voltage Adjustment, Pin 3
The low battery threshold voltage is the battery voltage
which will trip the (BATTLO) pin high to low. It should be
adjusted via the threshold adjust pin (VTH.A). This is a high
input impedance pin that senses an externally applied
voltage and programs the low battery threshold voltage
(VBATT.Th). The VTH.A pin is designed to accommodate
voltages from 0V to 1.5V with respect to ground. This
allows the low battery threshold voltage to be set to any
voltage between 2.5V and 3.25V, that is:
VV
V
BATT Th
TH A
.
.
.
()
=+
25
2
For instance, if the applied voltage at pin 3, VTH.A, is 1V
the LTC1998 will indicate a low battery condition when the
battery voltage pin (BATT) falls below 3V.
The voltage at the threshold adjust pin (VTH.A) can be set
with any voltage source. This pin allows a continuous time
adjustment, that is, the low battery threshold voltage may
be changed at any time. The high input impedance of the
VTH.A pin allows the use of a high valued resistive divider
(to minimize current drain) from the battery to set the
battery low threshold voltage, Figure 2.
The simple calculations of resistor values R1 and R2 are
illustrated below. Set a value for R1 + R2. This value will
affect the max amount of current drawn from the battery
when fully charged. For instance if R1 + R2 = 1M the
resistive divider will draw 4.1μA when the battery voltage
is 4.1V. Set the desired value of VBATT.Th (this value should
be between 2.5V and 3.25V) that is the value of the battery
voltage that will trip the internal circuitry of the LTC1998
and change the state of the battery low pin (BATTLO).
Solve for R
R
R
V
VBATT Th
11
2
5
1
=+
⎝⎜
⎠⎟
()
.
Example: A Lithium-Ion battery is monitored and a bat-
tery low signal should be issued when it discharges to
2.85V, that is, VBATT.Th = 2.85V; if (R1 + R2) = 1M, then
R1 = 754.38k and R2 = 245.62k. Choose the closest 1%
value of R1 = 750k and R2 = 243k. Calculate the practical
value for VBATT.Th as it will be slightly different from 2.85V,
due to the use of standard 1% resistor values.
VV
RR
RR
R
V
BATT Th
.
()
.
=
+
++
=
5
12
11
2
2 849
The above low battery threshold of 2.849V is guaranteed to
within 1% even though 1% resistors are used to program
the VTH.A voltage applied to Pin 3.
For sake of completeness, the voltage at Pin 3 (VTH.A) can
be easily calculated by VTH.A = VBATT.Th (R2/(R1 + R2) =
0.6972V (when VBATTERY = VBATT.Th).
Figure 2. Resistor Divider Sets Threshold
1998 F02
LTC1998
R1
R2
VTH.A
BATT
+
1
2
3


Similar Part No. - LTC1998CS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1998CS6 LINER-LTC1998CS6 Datasheet
143Kb / 8P
   2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
More results

Similar Description - LTC1998CS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1998 LINER-LTC1998 Datasheet
143Kb / 8P
   2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
   SOT-23 Comparator and Voltage Reference for Battery Monitoring
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
   Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
logo
Texas Instruments
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
[Old version datasheet]   SOT-23 Series Voltage Reference
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
   Dual Comparator and Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com