Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1992-1IMS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1992-1IMS8
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992-1IMS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1992-1IMS8 Datasheet HTML 7Page - Linear Technology LTC1992-1IMS8 Datasheet HTML 8Page - Linear Technology LTC1992-1IMS8 Datasheet HTML 9Page - Linear Technology LTC1992-1IMS8 Datasheet HTML 10Page - Linear Technology LTC1992-1IMS8 Datasheet HTML 11Page - Linear Technology LTC1992-1IMS8 Datasheet HTML 12Page - Linear Technology LTC1992-1IMS8 Datasheet HTML 13Page - Linear Technology LTC1992-1IMS8 Datasheet HTML 14Page - Linear Technology LTC1992-1IMS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LTC1992 Family
11
1992f
Applicable to the LTC1992 only.
Single-Ended Input Small-Signal
Step Response
1µs/DIV
1992 G32
+VS = 5V
–VS = 0V
VOCM = 2.5V
+VIN = 0V TO 200mV
–VIN = 100mV
CLOAD = 0pF
GAIN = 1
2.5V
Single-Ended Input Small-Signal
Step Response
10µs/DIV
1992 G33
+VS = 5V
–VS = 0V
VOCM = 2.5V
+VIN = 0V TO 200mV
–VIN = 100mV
GAIN = 1
CLOAD = 10000pF
CLOAD = 1000pF
2.5V
THD + Noise vs Frequency
FREQUENCY (Hz)
100
–100
–60
–50
–40
1k
10k
50k
1992 G34
–70
–80
–90
500kHz MEASUREMENT BANDWIDTH
+VS = 5V
–VS = –5V
VOCM = 0V
VOUT = 1VP-PDIFF
VOUT = 2VP-PDIFF
VOUT = 10VP-PDIFF
VOUT = 5VP-PDIFF
THD + Noise vs Amplitude
INPUT SIGNAL AMPLITUDE (VP-PDIFF)
0.1
–100
–90
–80
–70
–60
–40
110
20
1992 G35
–50
500kHz MEASUREMENT BANDWIDTH
+VS = 5V
–VS = –5V
VOCM = 0V
50kHz
20kHz
10kHz
5kHz
2kHz
1kHz
TYPICAL PERFOR A CE CHARACTERISTICS
Differential Noise Voltage Density
vs Frequency
FREQUENCY (Hz)
1000
100
10
100
1000
10000
1922 G36
10
VOCM Gain vs Frequency,
VS = ±2.5V
FREQUENCY (kHz)
10
–15
–5
5
100
1000
10000
1992 G19
–25
–20
–10
0
–30
–35
CLOAD = 10pF TO 10000pF


Similar Part No. - LTC1992-1IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1992-X LINER-LTC1992-X Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC1992-1IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1992 LINER-LTC1992_15 Datasheet
501Kb / 42P
   Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Linear Technology
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
logo
Texas Instruments
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4521-HT NSC-THS4521-HT Datasheet
758Kb / 28P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com