Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1863L Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1863L
Description  Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1863L Datasheet(HTML) 2 Page - Linear Technology

  LTC1863L Datasheet HTML 1Page - Linear Technology LTC1863L Datasheet HTML 2Page - Linear Technology LTC1863L Datasheet HTML 3Page - Linear Technology LTC1863L Datasheet HTML 4Page - Linear Technology LTC1863L Datasheet HTML 5Page - Linear Technology LTC1863L Datasheet HTML 6Page - Linear Technology LTC1863L Datasheet HTML 7Page - Linear Technology LTC1863L Datasheet HTML 8Page - Linear Technology LTC1863L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1863L/LTC1867L
2
1863L7Lf
CO VERTER CHARACTERISTICS
Supply Voltage (VDD) ................................... –0.3V to 6V
Analog Input Voltage
CH0-CH7/COM (Note 3) .......... – 0.3V to (VDD + 0.3V)
VREF, REFCOMP (Note 4)......... –0.3V to (VDD + 0.3V)
Digital Input Voltage (SDI, SCK, CS/CONV)
(Note 4) .................................................– 0.3V to 10V
Digital Output Voltage (SDO) ....... – 0.3V to (VDD + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1863LC/LTC1867LC/LTC1867LAC .... 0°C to 70°C
LTC1863LI/LTC1867LI/LTC1867LAI .. – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
TJMAX = 110°C, θJA = 95°C/W
LTC1863LCGN
LTC1863LIGN
LTC1867LCGN
LTC1867LIGN
LTC1867LACGN
LTC1867LAIGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Notes 1, 2)
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 2.7V, external VREF = 1.25V (Notes 5, 6)
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7/COM
VDD
GND
SDI
SDO
SCK
CS/CONV
VREF
REFCOMP
LTC1863L
LTC1867L
LTC1867LA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
12
16
16
Bits
No Missing Codes
12
15
16
Bits
Integral Linearity Error
Unipolar (Note 7)
±1
±4
±3
LSB
Bipolar
±1
±4
±3
LSB
Differential Linearity Error
±1
–2
–1
LSB
Transition Noise
0.1
1.6
1.6
LSBRMS
Offset Error
Unipolar (Note 8)
±3
±32
±32
LSB
Bipolar
±4
±64
±64
LSB
Offset Error Match
Unipolar
±1
±4
±3
LSB
Bipolar
±1
±4
±3
LSB
Offset Error Drift
±0.5
±0.5
±0.5
ppm/°C
Gain Error
Unipolar
±6
±96
±64
LSB
Bipolar
±6
±96
±64
LSB
Gain Error Match
Unipolar
±1
±4
±3
LSB
Bipolar
±1
±4
±3
LSB
Gain Error Tempco
Internal Reference
±20
±20
±20
ppm/°C
External Reference
±3
±3
±3
ppm/°C
Power Supply Sensitivity
VDD = 2.7V – 3.6V
±1
±3
±3
LSB
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
GN PART MARKING
1863L
1863LI
1867L*
VDD = 3V, external VREF = 1.25V (Note 5)
DY A IC ACCURACY
LTC1863L
LTC1867L/LTC1867LA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
1kHz Input Signal
73.2
83.3
dB
S/(N+D)
Signal-to-(Noise + Distortion) Ratio
1kHz Input Signal
73.1
82.6
dB


Similar Part No. - LTC1863L

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC1863LIGNPBF LINEAR_DIMENSIONS-LTC1863LIGNPBF Datasheet
239Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Linear Technology
LTC1863L LINER-LTC1863L_15 Datasheet
426Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
More results

Similar Description - LTC1863L

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC1863LIGNPBF LINEAR_DIMENSIONS-LTC1863LIGNPBF Datasheet
239Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Linear Technology
LTC1863L LINER-LTC1863L_15 Datasheet
426Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1867L LINER-LTC1867L_15 Datasheet
426Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1863 LINER-LTC1863_15 Datasheet
466Kb / 18P
   12-/16-Bit, 8-Channel 200ksps ADCs
LTC1863 LINER-LTC1863 Datasheet
315Kb / 16P
   12-/16-Bit, 8-Channel 200ksps ADCs
LTC1867 LINER-LTC1867_15 Datasheet
466Kb / 18P
   12-/16-Bit, 8-Channel 200ksps ADCs
logo
Analog Devices
AD7467 AD-AD7467_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468 AD-AD7468_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466 AD-AD7466_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com