Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1992HMS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1992HMS8
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992HMS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1992HMS8 Datasheet HTML 4Page - Linear Technology LTC1992HMS8 Datasheet HTML 5Page - Linear Technology LTC1992HMS8 Datasheet HTML 6Page - Linear Technology LTC1992HMS8 Datasheet HTML 7Page - Linear Technology LTC1992HMS8 Datasheet HTML 8Page - Linear Technology LTC1992HMS8 Datasheet HTML 9Page - Linear Technology LTC1992HMS8 Datasheet HTML 10Page - Linear Technology LTC1992HMS8 Datasheet HTML 11Page - Linear Technology LTC1992HMS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LTC1992 Family
8
1992f
Applicable to all parts in the LTC1992 family.
VOCM Input Bias Current
vs VOCM Voltage
Input Common Mode Overdrive
Recovery (Expanded View)
50µs/DIV
1992 G13
BOTH INPUTS
(INPUTS TIED
TOGETHER)
OUTPUTS
+VS = 2.5V
–VS = –2.5V
VOCM = 0V
LTC1992-10 SHOWN
FOR REFERENCE
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Swing
vs Output Load, VS = ±5V
LOAD CURRENT (mA)
–20
4.4
4.5
4.6
4.7
4.8
–10
0
10
20
–15
–5
5
15
1992 G09
4.9
5.0
–5.0
–4.8
–4.6
–4.4
–4.2
–4.0
–3.8
–40°C
–40°C
125°C
125°C
85°C
25°C
85°C
25°C
Differential Input Offset Voltage
vs Time (Normalized to t = 0)
Input Common Mode Overdrive
Recovery (Detailed View)
1µs/DIV
1992 G14
BOTH INPUTS
(INPUTS TIED TOGETHER)
OUTPUTS
+VS = 2.5V
–VS = –2.5V
VOCM = 0V
LTC1992-10 SHOWN
FOR REFERENCE
Output Overdrive Recovery
(Expanded View)
50µs/DIV
1992 G15
+VS = 2.5V, –VS = –2.5V, VOCM = 0V
OUTPUTS
INPUTS
LTC1992-2 SHOWN FOR REFERENCE
Output Overdrive Recovery
(Detailed View)
5µs/DIV
1992 G16
INPUTS
OUTPUTS
+VS = 2.5V
–VS = –2.5V
VOCM = 0V
LTC1992-2 SHOWN
FOR REFERENCE
Differential Gain vs Time
(Normalized to t = 0)
TIME (HOURS)
100
80
60
40
20
0
–20
–40
–60
–80
–100
1992 G11
0
400
800
1200
1600
2000
TEMP = 35°C
TIME (HOURS)
10
8
6
4
2
0
–2
–4
–6
–8
–10
1992 G12
0
400
800
1200
1600
2000
TEMP = 35°C
VOCM VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1992 G10
100E-15
10E-9
1E-9
100E-12
10E-12
1E-12
+VS = 5V
–VS = 0V
VINCM = 2.5V
125°C
85°C
25°C
–40°C


Similar Part No. - LTC1992HMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1992 LINER-LTC1992 Datasheet
143Kb / 8P
   2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1992 LINER-LTC1992 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC1992 LINER-LTC1992 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC1992 LINER-LTC1992 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC1992 LINER-LTC1992 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC1992HMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1992 LINER-LTC1992_15 Datasheet
501Kb / 42P
   Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Linear Technology
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
logo
Texas Instruments
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4521-HT NSC-THS4521-HT Datasheet
758Kb / 28P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com