Part Name
         Description
AON6450L

 N-Channel SDMOS TM Power Transistor ( 7 Page)


AOSMD
100% 
Zoom Out Zoom In
   
 1 page
background image
AON6450L
N-Channel SDMOS
TM Power Transistor
General Description
Product Summary
Parameter
100V
ID (at VGS=10V)
52A
RDS(ON) (at VGS=10V)
< 14.5m
RDS(ON) (at VGS = 7V)
< 17.5m
100% UIS Tested!
- RoHS Compliant
100% R g Tested!
- Halogen Free
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
1
55
1.5
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
83
1.4
TA=25°C
A
TA=25°C
IDSM
A
TA=70°C
ID
52
33
TC=25°C
TC=100°C
Repetitive avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
7
Continuous Drain
Current
84
9
A
41
The AON6450L is fabricated with SDMOS
TM trench
technology that combines excellent RDS(ON) with low gate
charge.The result is outstanding efficiency with controlled
switching behavior. This universal technology is well suited
for PWM, load switching and general purpose applications.
VDS
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
±25
Gate-Source Voltage
Drain-Source Voltage
100
Units
Maximum Junction-to-Ambient
A
°C/W
RθJA
14
40
17
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
110
Pulsed Drain Current
C
Continuous Drain
Current
Parameter
Typ
Max
TC=25°C
2.3
33
TC=100°C
G
D
S
Top View
DFN5X6
Fits SOIC8
footprint !
Rev 0: January 2009
www.aosmd.com
Page 1 of 7



Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl