Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1957-2EMS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1957-2EMS
Description  Single/Dual Band RF Power Controllers with 40dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1957-2EMS Datasheet(HTML) 5 Page - Linear Technology

  LTC1957-2EMS Datasheet HTML 1Page - Linear Technology LTC1957-2EMS Datasheet HTML 2Page - Linear Technology LTC1957-2EMS Datasheet HTML 3Page - Linear Technology LTC1957-2EMS Datasheet HTML 4Page - Linear Technology LTC1957-2EMS Datasheet HTML 5Page - Linear Technology LTC1957-2EMS Datasheet HTML 6Page - Linear Technology LTC1957-2EMS Datasheet HTML 7Page - Linear Technology LTC1957-2EMS Datasheet HTML 8Page - Linear Technology LTC1957-2EMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1957-1/LTC1957-2
BLOCK DIAGRA
+
RFDET
+
CAMP
CC
50mV
FILTER
ICL
1.2V
22k
33k
+
+
CS
35k
22k
33k
22k
110k
140k
1.2V
ADJUSTABLE
100
METAL
35k
VIN
200
200
RSENSE
0.05
METAL
PROGRAMMABLE
28pF
33pF
12
100
TSDB
TXENI
100
1957 BD
12
150k
150k
150k
OPERATE SHDN
BSEL
PB
PA
OFFSET
TRIM
GAIN
TRIM
OVERCURRENT
60
µA60µA
RF
2
VCC
0.02
0.02
10
VIN
Li-Ion
1
VPCA
9
VPCB
8
GND
4
PCTL
6
gm
RF PA
900MHz
AZ
gm
VPC
AUTOZERO
TXENB
PA
PB
ADJUSTABLE
+
MUX
CONTROL
TXEN
7
3
SHDN
BG1
1.2V BANDGAP
COMPRESSION
TSDB
BG1
THERMAL
SHUTDOWN
RF PA
DIPLEXER
1.8GHz/1.9GHz
50
5
XMT AUTOZERO
400
µA
68
(LTC1957-2)


Similar Part No. - LTC1957-2EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1957-2 LINER-LTC1957-2_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
More results

Similar Description - LTC1957-2EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1957-1 LINER-LTC1957-1_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-2 LINER-LTC1957-2_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-2 LINER-LTC1758-2_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LTC1757A-1 LINER-LTC1757A-1 Datasheet
170Kb / 12P
   Single/Dual Band RF Power Controllers
LTC1757A-1 LINER-LTC1757A-1_1 Datasheet
205Kb / 16P
   Single/Dual Band RF Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com