Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1957-1EMS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1957-1EMS8
Description  Single/Dual Band RF Power Controllers with 40dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1957-1EMS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1957-1EMS8 Datasheet HTML 3Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 4Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 5Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 6Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 7Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 8Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 9Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 10Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1957-1/LTC1957-2
Modes of Operation
The LTC1957-2 supports three operating modes: shut-
down, autozero and enable.
In shutdown mode (SHDN = Low) the part is disabled and
supply currents will be reduced to <1
µA. VPCA and VPCB
will be connected to ground via 100
Ω switches.
In autozero mode (SHDN = High, TXEN = Low) VPCA and
VPCB will remain connected to ground and the part will be
in the autozero mode. The part must remain in autozero for
at least 50
µs to allow for the autozero circuit to settle.
In enable mode (SHDN = High, TXEN = High) the control
loop and protection functions will be operational. When
TXEN is switched high, acquisition will begin. The control
amplifier will start to ramp the control voltage to the RF
power amplifier. The RF amplifier will then start to turn
on. The feedback signal from the directional coupler and
the output power will be detected by the LTC1957-2 at the
RF pin. The loop closes and the amplifier output tracks
the DAC voltage ramping at PCTL. The RF power output
will then follow the programmed power profile from the
DAC.
MODE
SHDN
TXEN
OPERATION
Shutdown
Low
Low
Disabled
Autozero
High
Low
Autozero
Enable
High
High
Power Control
cancellation over the normal 1/8 duty cycle associated
with the GSM protocol as well as multislot protocols. The
part must be in the autozero mode for at least 50
µs for
autozero to settle to the correct value.
Filter
There is a 350kHz filter included in the PCTL path.
Protection Features
The RF power amplifier is overcurrent protected by an
internal sense amplifier. The sense amplifier measures the
voltage across an internal 0.050
Ω resistor to determine
the RF power amplifier current. VPCA or VPCB is lowered as
this supply current exceeds 2.2A, thereby regulating the
current to about 2.25A. The regulated current limit is
temperature compensated. The 0.050
Ω resistor and the
current limit feature can be removed by connecting the PA
directly to VIN.
The RF power amplifier control voltage pins are overvolt-
age protected. The VPC overvoltage clamp regulates VPCA
or VPCB to 2.85V when the gain and PCTL input combina-
tion attempts to exceed this voltage.
The internal thermal shutdown circuit will disable the
LTC1957-2 if the junction temperature exceeds approxi-
mately 150
°C. The part will be enabled when the tempera-
ture falls below 140
°C.
APPLICATIONS INFORMATION
SHDN
BSEL
TXEN
NOTE 1: THE EXTERNAL DAC DRIVING THE PCTL PIN CAN BE ENABLED
DURING AUTOZERO. THE AUTOZERO SYSTEM WILL CANCEL
THE DAC TRANSIENT. THE DAC MUST BE SETTLED TO AN OFFSET
≤400mV BEFORE TXEN IS ASSERTED HIGH.
PCTL
VPCA
VPCB
SHUTDOWN
AUTOZERO
t1
tS
ENABLE
NOTE 1
1957 TD
t2
START
VOLTAGE
START
VOLTAGE
tS: AUTOZERO SETTLING TIME, 50µs MINIMUM
t1: BSEL CHANGE PRIOR TO TXEN, 200ns TYPICAL
t2: BSEL CHANGE AFTER TXEN, 200ns TYPICAL
t3: START OF RAMP AFTER TXEN IS ASSERTED HIGH,
1
µs MINIMUM, 10µs MAXIMUM
t3
LTC1957-2 Timing Diagram


Similar Part No. - LTC1957-1EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1957-1 LINER-LTC1957-1 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-1 LINER-LTC1957-1_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
More results

Similar Description - LTC1957-1EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1957-1 LINER-LTC1957-1_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-2 LINER-LTC1957-2_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-2 LINER-LTC1758-2_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LTC1757A-1 LINER-LTC1757A-1 Datasheet
170Kb / 12P
   Single/Dual Band RF Power Controllers
LTC1757A-1 LINER-LTC1757A-1_1 Datasheet
205Kb / 16P
   Single/Dual Band RF Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com